Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12438CIWM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 3Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 4Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 5Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 6Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 7Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 8Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 10Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
20 Electrical Specifications (Continued)
222 Converter Dynamic Characteristics
The following specifications apply only to the LM12434 and LM12438 for VAa e
VDa e 5V AGND e DGND e 0V VREFa e 4096V VREFb e 0V 12-bit a sign conversion mode fCLK e 80 MHz
throughput rate e 1333 kHz RS e 25X source impedance for VREFa and VREFb s 25X fully-differential input with fixed
2048V common-mode voltage and minimum acquisition time unless otherwise specified Boldface limits apply for TA e
TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7 8 and 9) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
tZ
Auto-Zero Time
Sequencer State S2
(Figure 10)
76 (tCLK)
76 (tCLK) a 50 ns
(max)
tCAL
Full Calibration Time
Sequencer State S2
(Figure 10)
4944 (tCLK) 4944 (tCLK) a 50 ns
(max)
Throughput Rate
(Note 18)
142
140
kHz
(min)
tWD
‘‘Watchdog’’ Mode Comparison Time
Sequencer States S6 S4
11 (tCLK)
11 (tCLK) a 50 ns
(max)
and S5
(Figure 10)
SNR
Signal-to-Noise Ratio
VIN e g4096V (Note 20)
Differential Input
fIN e 1 kHz
79
dB
fIN e 10 kHz
79
dB
fIN e 62 kHz
70
dB
SNR
Signal-to-Noise Ratio
VIN e 4096 Vp-p
Single-Ended Input
fIN e 1 kHz
71
dB
fIN e 10 kHz
71
dB
fIN e 62 kHz
67
dB
SINAD
Signal-to-Noise a Distortion Ratio
VIN e g4096V (Note 20)
Differential Input
fIN e 1 kHz
79
dB
fIN e 10 kHz
78
dB
fIN e 62 kHz
67
dB
SINAD
Signal-to-Noise a Distortion Ratio
VIN e 4096 Vp-p
Single-Ended Input
fIN e 1 kHz
71
dB
fIN e 10 kHz
70
dB
fIN e 62 kHz
64
dB
THD
Total Harmonic Distortion
VIN e g4096V (Note 20)
Differential Input
fIN e 1 kHz
b
90
dBc
fIN e 10 kHz
b
85
dBc
fIN e 62 kHz
b
71
dBc
THD
Total Harmonic Distortion
VIN e 4096 Vp-p
Distortion Single-Ended Input
fIN e 1 kHz
b
88
dBc
fIN e 10 kHz
b
82
dBc
fIN e 62 kHz
b
67
dBc
ENOB
Effective Number of Bits
VIN e g4096V (Note 20)
Differential Input
fIN e 1 kHz
126
Bits
fIN e 10 kHz
122
Bits
fIN e 62 kHz
121
Bits
ENOB
Effective Number of Bits
VIN e 4096 Vp-p
Single-Ended Input
fIN e 1 kHz
113
Bits
fIN e 10 kHz
112
Bits
fIN e 62 kHz
108
Bits
SFDR
Spurious Free Dynamic Range
VIN e g4096V (Note 20)
Differential Input
fIN e 1 kHz
90
dBc
fIN e 10 kHz
86
dBc
fIN e 62 kHz
76
dBc
SFDR
Spurious Free Dynamic Range
VIN e 4096V Vp-p
Single-Ended Input
fIN e 1 kHz
90
dBc
fIN e 10 kHz
85
dBc
fIN e 62 kHz
72
dBc
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com