Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12438CIWM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 10Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 11Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 12Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 13Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 14Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 15Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 16Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
20 Electrical Specifications (Continued)
23 DIGITAL SWITCHING CHARACTERISTICS
The following specifications apply to the LM12434 and LM12 L 438 for VAa
e
VDae 5V 33V
AGND e DGND e 0V CL (load capacitance) on output lines e 80 pF unless otherwise specified
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits for TA e TJ e 25 C (Notes 6 7 and 9) (Continued)
234 I2C Bus Interface
The switching characteristics of the LM124348 for I2C bus interface fully meets or exceeds the published specifications of the
I2C bus The following parameters given here are the timing relationships between SCL and SDA signals related to the
LM124348 They are not the I2C bus specifications
Symbol
Parameter
Conditions
Typical
Limits
Units
(See
Figure Below)
(Note 10)
(Note 11)
(Limit)
t17
SCL (Clock) Period
2500 10000
ns (min)
t18
Data in Set-Up Time to SCL High
30
ns (min)
t19
Data Out Stable after SCL Low
900 1400
ns (max)
t20
SDA Low Set-Up Time to SCL
40
ns (min)
Low (Start Condition)
t21
SDA High Hold Time after SCL
40
ns (min)
High (Stop Condition)
TLH11879 – 22
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com