Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 7 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 7 Page - Recom International Power

Back Button RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power RPA100H-RUW Datasheet HTML 10Page - Recom International Power RPA100H-RUW Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-7
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
refer to derating graphs
-40°C to +97°C
Maximum Baseplate Temperature
+100°C
Temperature Coefficient
0.007%/°C
Thermal Impedance
refer to Rth tables
Operating Altitude
5000m
Operating Humidity
5%-95% RH
Pollution Degree (PD)
PD2
Fire protection on Railway Vehicles
refer to page PB-9
according to EN45545-2 standard
MTBF
according to Telcordia SR332 Issue 2 Method I, 25°C
1480 x 103 hours
continued on next page
-40 -20
0
0
20
20
40
40
50
60
74
60
80
80
100
100
120
120
Ambient Temperature [°C]
without PCB, fitted Heat-sink:
Natural Convection (0.1m/s)
with PCB and Heat-sink:
Natural Convection (0.1m/s)
0.2m/s
0.5m/s
0.8m/s
1.0m/s
1.5m/s
63.1
20.0
6.4
3.2
50.8
Ø
Ø
Thermal Impedance
airflow
[m/s]
Rth
[°C/W]
0.1
3.3
0.2
2.62
0.5
2.0
0.8
1.57
1.0
1.22
1.5
0.75
Iout = 50%
R
th = 3.3°C/W
P
DISS = 7.87W
T
ICmax = 100°C
Thermal Calculation Example
T
AMBmax
= T
ICmax - TOVER
= 100°C - 26°C = +
74°C
T
OVER
= Rth x PDiss = 3.3°C/W x 7.87W = +26°C
Notes:
Note9: Following calculations are made with RPA100H-11012SRUW/P.
Test PCB: Eurocard 160x100mm 105µm copper, double layer
Thermal Derating with Fan Cooling, Double Layer PCB and Heat-sink
Dimension Drawing Heat-sink (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com