Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 8 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 8 Page - Recom International Power

Back Button RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power RPA100H-RUW Datasheet HTML 10Page - Recom International Power RPA100H-RUW Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-8
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
-40 -20
0
0
20
20
40
40
60
60
50
80
80
100
100
120
120
Ambient Temperature [°C]
Natural Convection (0.1m/s w/o PCB)
with PCB:
Natural Convection (0.1m/s)
0.2m/s
0.5m/s
0.8m/s
1.0m/s
1.5m/s
-40 -20
0
0
20
20
40
40
60
60
80
97
80
100
100
120
120
Ambient Temperature [°C]
2.3l/min
Thermal Impedance
airflow
[m/s]
Rth
[°C/W]
0.1
3.8
0.2
3.12
0.5
2.5
0.8
2.07
1.0
1.72
1.5
1.25
Thermal Impedance
liquid flow
[l/min]
Rth
[°C/W]
2.3
0.31
Iout = 50%
R
th = 2.5°C/W
P
DISS = 7.87W
T
ICmax = 100°C
Iout = 100%
R
th = 0.31°C/W
P
DISS = 10.94W
T
ICmax = 100°C
Thermal Calculation Example
Thermal Calculation Example
T
AMBmax
= T
ICmax - TOVER
= 100°C -20°C = +
80°C
T
AMBmax
= T
ICmax - TOVER
= 100°C - 3.4°C = +
97°C
T
OVER
= Rth x PDiss = 2.5°C/W x 7.87W = +20°C
T
OVER
= Rth x PDiss = 0.31°C/W x 10.94W = +3.4°C
Notes:
Note10: For further details please contact our Tech Support Team techsupportAT@recom-power.com
Thermal Derating with Fan Cooling and Double Layer PCB
Thermal Derating with Water Cooling
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E224736-A54-UL and
E224736-A57-UL
UL60950-1, 2nd Edition: 2014
CAN/CSA-C22.2 No. 60950-1-07, 2nd Edition: 2014
IEC/EN Information Technology Equipment - General Requirments for
Safety (CB Scheme)
E224736-A54-CB-1 and
E224736-A57-CB-1
IEC60950-1: 2005, 2nd Edition + AM2: 2013
IEC/EN Information Technology Equipment - General Requirments for
Safety
EN60950-1: 2006 + A2: 2013
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com