Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 3 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 3 Page - Recom International Power

  RPA100H-RUW Datasheet HTML 1Page - Recom International Power RPA100H-RUW Datasheet HTML 2Page - Recom International Power RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-3
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
UNDER VOLTAGE LOCKOUT ADJUSTABILITY
RPA100H-11024SRUW
RPA100H-11048SRUW
Efficiency vs. Output Current
Efficiency vs. Output Current
Power Dissipation vs. Output Current
Power Dissipation vs. Output Current
16.5V
24V
36V
48V
72V
110V
140V
Output Current [%]
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Output Current [A]
0
0
10
8
6
4
2
20
18
16
14
12
4 4.2
2
3
1
16.5V
24V
36V
48V
72V
110V
140V
16.5V
72V
110V
140V
Output Current [%]
0
0
10
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Output Current [A]
0
2 2.1
1
1.5
0.5
0
2
10
12
14
16
18
6
4
20
8
16.5V
24V
36V
48V
72V
110V
140V
Input Voltage [VDC]
100
0
0.1s
continuous operation
1s
14.4
16.5
140
156
R1
-Vin
+Vin
+Vout
-Vout
CTRL
C1
Q1
R1
Ext. Cap.
+Vout
-Vout
-Vin
Hold Up Circuit
D1
C1
C2
+Vin
+Vout
-Vout
UVLO
-Vin
R1
Input Voltage Range
The RPA100H series has an adjustable under voltage lockout which will shut down the
converter according to following settings.
Continuous full power operation is rated between 16.5V and 140V,
including full load start-up.
Once running, the converter will operate for short periods of time over
an extended input voltage range down to 14.4V and up to 156V, thus
covering all EN50155 under-voltage and over-voltage transient
conditions.
Nom. Input Voltage [VDC]
24
36
48
72
110
Turn Off Threshold [VDC]
14±0.4V
20.6±1V
27.5±1V
40±1V
64±2V
Turn On Threshold [VDC]
16±0.4V
24±1V
32±1V
46.5±1V
74±2V
Resistor R1 [k
Ω]
open
24.9
12.4
6.19
3.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com