Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA100H-RUW Datasheet(PDF) 4 Page - Recom International Power

Part # RPA100H-RUW
Description  100 Watt Half Brick Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA100H-RUW Datasheet(HTML) 4 Page - Recom International Power

  RPA100H-RUW Datasheet HTML 1Page - Recom International Power RPA100H-RUW Datasheet HTML 2Page - Recom International Power RPA100H-RUW Datasheet HTML 3Page - Recom International Power RPA100H-RUW Datasheet HTML 4Page - Recom International Power RPA100H-RUW Datasheet HTML 5Page - Recom International Power RPA100H-RUW Datasheet HTML 6Page - Recom International Power RPA100H-RUW Datasheet HTML 7Page - Recom International Power RPA100H-RUW Datasheet HTML 8Page - Recom International Power RPA100H-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.recom-power.com
REV.: 1/2018
PB-4
DC/DC Converter
Specifications (measured @ Ta = 25°C, nom. Vin (110V), full load and after warm-up unless otherwise stated)
RPA100H-RUW
Series
OUTPUT VOLTAGE TRIMMING
Rup =
45
+ 40 k
DVout
Rup =
45
+ 40 k
Ω = 490kΩ (E96 = 490)
10%
Rdown =
5.11
- 10.22 k
Ω = 53.66kΩ (E96 = 53.6)
8%
Rup =
57.46
+ 52.35 k
DVout
Rup =
95
+ 90 k
DVout
Rdown =
5.11
- 10.22 k
DVout
Rup =
195
+ 190 k
DVout
RPA100H-11048SRUW
Trim down RPA100H series
RPA100H-11024SRUW
RPA100H-11015SRUW
RPA100H-11012SRUW
Trim up
Output Voltage Trimming
RPA100H-RUW converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. The values for trim resistors shown in trim tables below are according to standard E96 values; therefore, the specified voltage
may slightly vary; they also can be calculated with below shown equation.
R1
TRIM
-Sense
TRIM
R2
+Sense
TRIM DOWN
TRIM UP
Trim down:
Vout = 24V,
DVout = -8% (22V)
Trim Up:
Vout = 12V,
DVout = +10% (13.2V)
Trim Calculation
Practical Example
12Vout
Trim up
Trim down
15Vout
24Vout
48Vout
Vout
= nom. Output Voltage
DVout = Output Voltage Change in %
Rup
= trim up resistor
Rdown = trim down resistor
Trim down
[%]
1
2
3
4
5
6
7
8
9
10
R
2 =
[k
]
499
243
162
118
90.9
75
63.4
53.6
46.4
41.2
Trim down
[%]
11
12
13
14
15
16
17
18
19
20
R
2 =
[k
]
36.5
32.4
28.7
26.1
23.7
22.1
20
18.2
16.5
15.4
Trim up
[%]
1
2
3
4
5
6
7
8
9
10
Vout =
[VDC]
48.48
48.96
49.44
49.92
50.40
50.88
51.36
51.84
52.32
52.80
R
1 =
[k
]
19600
9880
6650
5110
4120
3480
3010
2610
2370
2150
Trim up
[%]
1
2
3
4
5
6
7
8
9
10
Vout =
[VDC]
24.24
24.48
24.72
24.96
25.20
25.44
25.68
25.92
26.16
26.40
R
1 =
[k
]
9530
4870
3240
2490
2000
1690
1430
1270
1150
1050
Trim up
[%]
1
2
3
4
5
6
7
8
9
10
Vout =
[VDC]
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
R
1 =
[k
]
5760
2940
1960
1500
1210
1010
866
768
681
619
Trim up
[%]
1
2
3
4
5
6
7
8
9
10
Vout =
[VDC]
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
R
1 =
[k
]
4530
2320
1540
1150
931
787
681
604
536
487



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com