Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370IP Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS370IP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370IP Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS370IP Datasheet HTML 20Page - Microchip Technology HCS370IP Datasheet HTML 21Page - Microchip Technology HCS370IP Datasheet HTML 22Page - Microchip Technology HCS370IP Datasheet HTML 23Page - Microchip Technology HCS370IP Datasheet HTML 24Page - Microchip Technology HCS370IP Datasheet HTML 25Page - Microchip Technology HCS370IP Datasheet HTML 26Page - Microchip Technology HCS370IP Datasheet HTML 27Page - Microchip Technology HCS370IP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
HCS370
DS41111D-page 24
Preliminary
2002 Microchip Technology Inc.
TABLE 9-1:
DC CHARACTERISTICS: HCS370
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature 0
°C
≤ TA ≤ +70°C (Commercial)
-40
°C ≤ TA ≤ +85°C (Industrial)
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
D001
VDD
Supply Voltage
2.05(4)
—5.5
V
D003
VPOR
VDD start voltage to ensure
internal Power-on Reset
signal
—VSS
—
V
Cold RESET
D004
SVDD
VDD rise rate to ensure
internal Power-on Reset
signal
0.05*
——
V/ms
D005
VBOR
Brown-out Reset Voltage
—
1.9
2
V
D010
IDD
Supply Current(2)
—1.0
5
mA
FOSC = 4 MHz,
VDD = 5.5V(3)
D010B
2.0
mA
FOSC = 4 MHz,
VDD = 3.5V(3)
D021A IPD
Shutdown Current
—
0.1
1.0
µAVDD = 5.5V
Input Low Voltage
VIL
Input pins
D030
With TTL Buffer
VSS
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
VSS
—
0.15 VDD
VOtherwise
D031
With Schmitt Trigger Buffer
VSS
—0.2 VDD
V
D032
SHIFT
VSS
—0.2 VDD
V
Input High Voltage
VIH
Input pins
—
D040
D040A
With TTL Buffer
2.0
(0.25 VDD
+0.8)
—
—
VDD
VDD
V
V
4.5V
≤ VDD ≤ 5.5V
Otherwise
D041
With Schmitt Trigger Buffer
0.8 VDD
—VDD
V
D042
SHIFT
0.8 VDD
—VDD
V
Input Threshold Voltage
D050
VTH
SHIFT
0.4
—
1.2
V
2.05
≤ VDD ≤ 3.5V
D051
VTH
SLEEP/S5
0.3
0.6
0.9
V
2.05
≤ VDD ≤ 3.5V
D052
VIN
VIN
1.05
1.19
1.33
V
Data Internally Inverted
D053
Vtol
Vlow detect tolerance
—
—
—
—
+200
+350
mV
mV
setting 5 = 2.25V
setting 25 = 4.25V
Input Leakage Current
D060
IIL
Input pins
—
—
±1
µAVSS ≤ VPIN ≤ VDD, Pin at Hi-
impedance, no pull-downs
enabled
D061
SHIFT
—
—
±5
µAVSS ≤ VPIN ≤ VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com