Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370IP Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS370IP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370IP Datasheet(HTML) 5 Page - Microchip Technology

  HCS370IP Datasheet HTML 1Page - Microchip Technology HCS370IP Datasheet HTML 2Page - Microchip Technology HCS370IP Datasheet HTML 3Page - Microchip Technology HCS370IP Datasheet HTML 4Page - Microchip Technology HCS370IP Datasheet HTML 5Page - Microchip Technology HCS370IP Datasheet HTML 6Page - Microchip Technology HCS370IP Datasheet HTML 7Page - Microchip Technology HCS370IP Datasheet HTML 8Page - Microchip Technology HCS370IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 5
HCS370
2.0
DEVICE DESCRIPTION
As shown in the typical application circuits (Figure 2-1),
the HCS370 is an easy device to use. It requires only
the addition of buttons and RF circuitry for use as the
encoder in your security application. A description of
each pin is described in Table 2-1. Refer to Figure 2-3
for information on the I/O pins.
TABLE 2-1:
PIN DESCRIPTIONS
The HCS370 will normally be in a low power SLEEP
mode. When a button input is taken high, the device will
wake-up, start the step-up regulator, and go through
the button debounce delay of TDB before the button
code is latched. In addition, the device will then read
the configuration options. Depending on the configura-
tion options and the button code, the device will deter-
mine what the data and modulation format will be for
the transmission. The transmission will consist of a
stream of code words and will be transmitted TPU after
the button is pressed for as long as the buttons are held
down or until a time-out occurs. The code word format
can be either a code hopping format or a seed format.
The time-out time can be selected with the Time-out
Select (TSEL) configuration option. This option allows
the time-out to be set to 0.8s, 3.2s, 12.8s, or 25.6s.
When a time-out occurs, the device will go into SLEEP
mode to protect the battery from draining when a button
gets stuck. This option must be chosen to meet maxi-
mum transmission length regulatory limits which vary
by country.
FIGURE 2-1:
TYPICAL CIRCUITS
Note:
S0-S5 and SHIFT inputs have pull-down
resistors. VIN should be tied high if the
step-up regulator is not used.
Name
Pin
Number
Description
S0
1
Switch input S0
S1
2
Switch input S1
S2
3
Switch input S2
S3
4
Switch input S3
S4
5
Switch input S4
S5/SLEEP
6
Switch input S5, or SLEEP
output
SHIFT
7
SHIFT input
VIN
8
Step-up regulator input
STEP
9
Step-up pulses output
RFEN
10
RF enable output
VSS
11
Ground reference
DATA
12
Transmission output pin
LED
13
Open drain output for LED
with pull-up resistor
VDD
14
Positive supply voltage
S2
VDD
B0
Tx out
S2
Six Button remote with PLL control
B1
S0
S1
S3
LED
VDD
DATA
VSS
S4
S5
SHIFT
RFEN
STEP
VIN
DATA
SHIFT
Figure 2-1(A)
B2
B3
B4
B5
RLED
RF PLL
DATA IN
ENABLE
VDD
S2
2.05-5.5V
Tx out
S2
Two Button remote with Step-up circuit
S0
S1
S3
LED
VDD
DATA
VSS
S4
SLEEP
SHIFT
RFEN
STEP
VIN
DATA
SHIFT
33k
Ω
10k
Ω
Figure 2-1(B)
2.2 k
Ω
330
µH
1N4148
COUT
2N3904
6V@1 mA
Note: Using SLEEP output low instead of grounding the resistor
divider reduces battery drain between transmissions
VDD
Tx out
Tx1
Tx2
DUAL Transmitter remote control
S2
S0
S1
S3
LED
VDD
DATA
VSS
S4
S5
SHIFT
RFEN
STEP
VIN
DATA
SHIFT
Figure 2-1(C)
RLED
VDD
22
µF
1000 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com