Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370IP Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS370IP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370IP Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS370IP Datasheet HTML 10Page - Microchip Technology HCS370IP Datasheet HTML 11Page - Microchip Technology HCS370IP Datasheet HTML 12Page - Microchip Technology HCS370IP Datasheet HTML 13Page - Microchip Technology HCS370IP Datasheet HTML 14Page - Microchip Technology HCS370IP Datasheet HTML 15Page - Microchip Technology HCS370IP Datasheet HTML 16Page - Microchip Technology HCS370IP Datasheet HTML 17Page - Microchip Technology HCS370IP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
HCS370
DS41111D-page 14
Preliminary
2002 Microchip Technology Inc.
4.0
TRANSMITTED WORD
4.1
Transmission Modulation Format
The HCS370 transmission is made up of several code
words. Each code word contains a preamble, header,
and data. A code word is separated from another code
word by guard time. The Guard Time Select (GSEL)
configuration option can be set to 0 ms, 6.4 ms, 51.2
ms, or 102.4 ms.
All other timing specifications for the modulation for-
mats are based on a basic timing element (TE). This
Timing Element can be set to 100
µs, 200 µs, 400 µs or
800
µs with the Baud Rate Select (BSEL) configuration
option. The Header time can be set to 4TE or 10TE with
the Header Select (HSEL) configuration option. These
options can all be set individually for Encoder 1 and
Encoder 2.
There are four different modulation formats available,
the Modulation Select (MSEL) Configuration Option is
used to select between:
• Pulse Width Modulation (PWM)
• Manchester (MAN)
• Variable Pulse Width Modulation (VPWM)
• Pulse Position Modulation (PPM)
FIGURE 4-1:
PULSE WIDTH MODULATION (PWM)
FIGURE 4-2:
MANCHESTER (MAN)
LOGIC "1"
Guard
Time
Encrypted Portion
Fixed Code Portion
LOGIC "0"
4-10
Header
TE
TE
TE
xTE
1
16
TBP
31xTE 50% Preamble
Guard
Header
Encrypted Portion
Fixed Code Portion
START bit
STOP bit
Time
bit 0 bit 1 bit 2
LOGIC "0"
LOGIC "1"
TE
TE
TBP
31xTE 50% Preamble
1
216
4xTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com