Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370IP Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS370IP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370IP Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS370IP Datasheet HTML 11Page - Microchip Technology HCS370IP Datasheet HTML 12Page - Microchip Technology HCS370IP Datasheet HTML 13Page - Microchip Technology HCS370IP Datasheet HTML 14Page - Microchip Technology HCS370IP Datasheet HTML 15Page - Microchip Technology HCS370IP Datasheet HTML 16Page - Microchip Technology HCS370IP Datasheet HTML 17Page - Microchip Technology HCS370IP Datasheet HTML 18Page - Microchip Technology HCS370IP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 15
HCS370
FIGURE 4-3:
VARIABLE PULSE WIDTH MODULATION (VPWM)
FIGURE 4-4:
PULSE POSITION MODULATION (PPM)
In addition to the Modulation Format, Guard Time, and
Baud Rate, the following options are also available to
change the transmission format:
• If the START/STOP Pulse Enable (STEN) config-
uration option is enabled, the HCS370 will place a
leading and trailing ‘1’ on each code word. This is
necessary for modulation formats such as
Manchester and PPM to interpret the first and last
data bit.
• A wake-up sequence can be transmitted before
the transmission starts. The wake-up sequence is
configured with the Wake-up (WAKE) configura-
tion option and can be disabled or set to 50 ms,
75 ms, or 100 ms of pulses as indicated in
Figure 4-5.
• The WAKE option is the same for both Encoder 1
and Encoder 2.
FIGURE 4-5:
WAKE-UP ENABLE
VPWM BIT ENCODING:
TBP
on Transition Low to High
TBP
LOGIC “0”
TBP
LOGIC “1”
TE
on Transition High to Low
2XTE
TE
TBP
TE
Guard
Time
10xTE Header
Encrypted Portion
Fixed Code Portion
2XTE
31xTE 50% Preamble
1
216
TE
TE
LOGIC “0”
LOGIC “1”
LOGIC "1"
LOGIC "0"
TE TE TE
Guard
Time
Fixed Code Portion
Encrypted Portion
TBP
TBP
31xTE 50% Preamble
START bit
STOP bit
10xTE Header
1
216
3 X TE
WAKE-UP = 75 ms
WAKE-UP = 50 ms
WAKE-UP = 100 ms
WAKE-UP
Guard Time = 6.4 ms, 51.2 ms, or 102.4 ms
CODE
CODE
TE TE
TE
2TE
TE
5TE
TG
TG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com