Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSB1.5/3-5.08 Datasheet(PDF) 13 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 13 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 9Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 10Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 11Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 12Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 13Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 14Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 15Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 16Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.irf.com
- 13 -
on-time capacitor reaches the voltage level on the PCOMP pin or ICOMP pin, the on-
time will end and the buck output will turn off. The off-time is determined by a negative-
going edge on the ZX pin, or, if the maximum off time is reached as programmed by the
time it takes for the CTOFF on the TOFF pin to charge up to an internal threshold of 2V.
If the maximum off-time is reached before the inductor current discharges to zero, then
the inductor will begin charging again from some value above zero.
This mode of
operation is known as continuous-conduction mode and results in a continuous DC
current in the inductor with a ripple bounded above by the over-current threshold and
below by the maximum off time setting (see Figure 5.7). Continuous-conduction mode
also allows for a higher average current to flow through the buck inductor before
saturation occurs than with critical-conduction mode.
Figure 5.7: Buck control timing diagram (continuous conduction mode): CH1 is TOFF pin voltage,
CH2 is ZX pin voltage, CH3 is Buck output voltage and CH4 is current through buck inductor LBUCK
5.6 Constant Power Control
During the general mode of operation and after the lamp has ignited, the IC regulates
the lamp output power to a constant level. To achieve this, the IC measures the lamp
voltage and lamp current at the VSENSE and ISENSE pins, multiplies the voltage and
current together using an internal multiplier circuit to calculate power, and regulates the
output of the multiplier circuit to a constant reference voltage by increasing or decreasing
the buck on-time. If the lamp power is too low then the output of the multiplier will be
below the internal reference voltage. The operational trans-conductance amplifier (OTA)
will output a sourcing current to the PCOMP pin that will charge up the CPCOMP to a
higher voltage. This will increase the on-time of buck and increase the output current to
the lamp for increasing the output power.
If the lamp power is too high, then the
opposite will occur. The OTA will output a sinking current to the PCOMP pin that will
discharge the CPCOMP to a lower voltage. This will decrease the buck on-time and
CS = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com