Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSB1.5/3-5.08 Datasheet(PDF) 24 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 24 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 20Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 21Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 22Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 23Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 24Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 25Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 26Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 27Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
www.irf.com
- 24 -
9. Bill of Materials
Item #
Qty
Manufacturer
Part Number
Description
Reference
1
1
IR
IRS2505L
SOT-23 PFC IC
IC1
2
1
Power
Integration
LNK302DN
Link Switch LNK
IC2
3
1
IR
IRS2573D
HID Ballast Control IC
IC3
4
1
IR
IRF840
MOSFET 500V/600V
MBUCK
5
1
IR
IRF830
MOSFET 500V
MPFC
6
5
IR
IRGR3B60KD2
IGBT 600V
MIGN, MH1, ML1,
MH2, ML2
7
1
Vishay
8ETH06
Diode 600V
DBUCK
8
1
Vishay
LL4148
Diode, 75V, 100mA
DBUCK1
9
1
Vishay
BZT52C15
Zener Diode, 15V, 500mW
DVBB2
10
1
Vishay
BZT52C36
Zener Diode, 36V, 500mW
DVS1
11
1
Diodes Inc.
DF10S
Bridge Rectifier 1A, 1000V
BR1
12
5
Diodes Inc.
MURS160
Diode, 600V, 1A, SMB
D3, DVBB1,
DLNK1, DLNK2,
DCS
13
1
Schindengen
K1V26
Sidac 240V-270V
DIGN
14
1
Würth
Elektronik
760801032
Buck Inductor 0.75mH EE20/10/11
LBUCK
15
1
Würth
Elektronik
760801070
PFC Inductor 1.5mH EE20/10/11
LPFC
16
1
Würth
Elektronik
760370109
Ignition Transformer 1mH EE25/13/7
LIGN
17
1
Panasonic
ELF-15N007A
EMI Inductor
L1
18
1
Epcos
B82144B1225J000
HF-Inductor
LLINK1
19
1
Panasonic
ECQ-E4105KF
Capacitor 1µF/400V
CBUCK
20
2
Vishay
2222 338 20334
Capacitor 330nF/275VAC X2
C1,C2
21
1
Epcos
B32652A6104J
Capacitor 100nF/630V
CIGN
22
1
Roederstein
WY0222MCMBF0K
Capacitor 2.2nF/275VAC Y Cap
CY
23
1
Wima
MKP10 1nF/630V
Capacitor 1nF/630V
COUT
24
1
Panasonic
ECE-A1EN330U
Capacitor 33µF/25V
CLNK3
25
1
Panasonic
EEU-EB2W220S
Capacitor 22µF/450V
CBUS
26
1
Panasonic
ECA-1HM100I
Capacitor 10µF/50V
CLNK2
27
3
Panasonic
ECJ-3YF1E225Z
Capacitor, 2.2uF, 25V, 1206
CVB1, CVB2,
CVBB
28
1
Panasonic
ECJ-3YB1E105K
Capacitor, 1uF, 25V, 1206
CTIGN
1
Multicomp
MC0805B474K160CT
Capacitor, 470nF, 25V, 0805
CPFC2
30
1
Multicomp
MC0805B274K160CT
Capacitor, 270nF, 16V, 0805
CTCLK
31
1
Multicomp
MC0805B224K250CT
Capacitor, 220nF, 25V, 0805
CPFC1
32
6
Panasonic
ECJ-2YB1H104K
Capacitor, 100nF, 50V, 0805
CVCC1, COV,
COC, CISENSE,
CLINK1, CPFC4
33
1
Panasonic
ECJ-2YB1H683K
Capacitor, 68nF, 50V, 0805
CCT
34
1
Panasonic
ECJ-2VB1H333K
Capacitor, 33nF, 50V, 0805
CPCOMP
35
2
Panasonic
ECJ-2VB1H223K
Capacitor, 22nF, 50V, 0805
CVS, CPFC3
36
1
Panasonic
ECJ-2VB1H332K
Capacitor, 3.3nF, 50V, 0805
CTOFF
37
1
Panasonic
ECJ-2VB1H102K
Capacitor, 1nF, 50V, 0805
CICOMP
38
1
Panasonic
ECJ-2VC1H471J
Capacitor, 470pF, 50V, 0805
CCS1
39
1
Multicomp
MCSH21B101K500CT
Capacitor, 100pF, 50V, 0805
CPFC5
40
1
Panasonic
ECJ-2VC1H100D
Capacitor, 10pF, 50V, 0805
CRZX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com