Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSB1.5/3-5.08 Datasheet(PDF) 19 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 19 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 15Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 16Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 17Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 18Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 19Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 20Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 21Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 22Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.irf.com
- 19 -
7.2 Dimensioning: EOL settings
µA
(Set in Basic Settings)
K
V
K
K
K
K
120
50
36
100
180
180
7.5
VSENSE
Buckvoltage
OV
IRS2573D
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
0
50
100
150
200
250
300
350
400
450
Vbuck [V]
EOL Thresholds
VSENSE
OV
13%
40%
The IRS2573D uses VSENSE pin to detect if fault condition has occurred. The voltage on
the OV pin sets the reference for the EOL thresholds.
VSENSE <= VOV(1/7.5)
→ Lamp under voltage fault (13% of OV)
VSENSE >= VOV(2/5)
→ Lamp over voltage fault (40% of OV)
VSENSE >= VOV
→ Buck over voltage threshold (100% of OV)
During the ignition phase the buck voltage is regulated to OV (e.g. 330V). If the buck
voltage stays below 13% of OV for more than 442sec or above 40% of OV for 1769sec,
the ballast will go to Fault mode and latched (CTCLK=270nF).
7.3 Dimensioning: Buck settings
 Lamp parameter
Start with the lamp parameter:
PLAMP=73W
VLAMP=100V
ILAMP=0.73A
 Buck current sensing resistor
Buck inductor over-current protection is setup by buck current sensing resistor:
A
I
OC
9
.
0
A
I
I
OC
PEAK
OC
8
.
1
2
,
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com