Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSB1.5/3-5.08 Datasheet(PDF) 8 Page - International Rectifier

Part # MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Datasheet(HTML) 8 Page - International Rectifier

Back Button MTSB1.5/3-5.08 Datasheet HTML 4Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 5Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 6Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 7Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 8Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 9Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 10Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 11Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.irf.com
- 8 -
5.1 IRS2573D State and Timing Diagram
VCC < UVLO-
(VCC Fault or Power Down)
UVLO Mode
Full-Bridge Off (CT=0V)
Buck Off (ICOMP, PCOMP,
TOFF=0V)
IGN Timer Off (TIGN=0V)
CLK Off (TCLK=0V)
IQCC  150A
Fault and Good Counters Reset
Fault Latch Reset
GENERAL Mode
Full-Bridge Oscillating @ fBRIDGE
Buck Enabled
IGN 'LOW'
CLK and Fault Counters Enabled
VSENSE OVP Enabled
ISENSE Over-current Limitation Enabled
Constant Power Control Enabled
VCC > UVLO+
and
VSENSE > VOV
and
RST < VRST-
Power Turned On
FAULT Mode
Fault Latch Set
Full-Bridge Off (CT=0V)
Buck Off
IGN Timer Off (TIGN=0V)
CLK Off (TCLK=0V)
IQCC  350A
VCC = 15.6V
All Counters Reset
VCC < UVLO-
(Power Off)
or
RST > VRST+
(Fault Reset)
VSENSE < VOV(1/7.5) for 197sec
(short circuit or does not warm up)
or
VSENSE < VOV(1/7.5) for 16384 Events
IGN Mode
IGN (21s 'HIGH'/64s 'LOW')
Ignition Counter Enabled
Buck and Full-Bridge Enabled
CLK and Fault Counters Enabled
Good Counter Reset
VSENSE OVP Enabled
VSENSE < VOV(2/5)
VSENSE > VOV(2/5)
VSENSE > VOV(2/5) for 787sec
(open circuit)
Reset
Good
Counter
Good Counter = 2730sec
(No faults detected)
BUCK OFF Mode
Buck Off
Full-Bridge Oscillating
Fault Counters Enabled
Reset
Fault and Good
Counters
VSENSE < VOV(1/7.5)
VOV(2/5) < VSENSE < VOV
and
PCOMP > 0.2V
and
ICOMP > 0.5V
VSENSE > VOV
or
PCOMP < 0.2V
or
ICOMP < 0.2V
VSENSE < VOV(2/5)
and
PCOMP > 0.2V
and
ICOMP > 0.5V
Figure 5.2: IRS2573D state and timing diagram
5.2 Under-voltage Lockout (UVLO) Mode
The under-voltage lockout mode (UVLO) is defined as the state the IC is in when VCC is
below the turn-on threshold of the IC. The IC is designed to maintain an ultra-low supply
current during UVLO mode of 150uA, and to guarantee the IC is fully functional before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com