Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # JSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63DR Datasheet(HTML) 1 Page - Mini-Circuits

  JSW2-63DR Datasheet HTML 1Page - Mini-Circuits JSW2-63DR Datasheet HTML 2Page - Mini-Circuits JSW2-63DR Datasheet HTML 3Page - Mini-Circuits JSW2-63DR Datasheet HTML 4Page - Mini-Circuits JSW2-63DR Datasheet HTML 5Page - Mini-Circuits JSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPDT RF Switch
Page 1 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
Product Overview
JSW2-63DR+ is a high-power reflective SPDT RF switch, with reflective short on output ports in the OFF
state. Made using a Silicon-on-Insulator process, it provides very high IP3 (55 dBm typ.). This switch also
has a built-in CMOS driver and negative voltage generator, all packaged in a tiny 2x2mm package, enabling
it to operate over wideband and fit into tight spaces.
Feature
Advantages
Wideband operation
5-6000 MHz
Enables a single component to be used in a vast array of applications from VHF up to
6 GHz.
High IIP3: 55 dBm typ.
Results in little or negligible inter-modulation generation, meeting requirements for digital
communication signals.
Low Loss, 0.33 dB at 1 GHz
& high input power, 3W
Low loss and high power capability enables a single switch to be used for a variety of
applications, saving inventory.
Built in negative voltage generator
Operates with single positive supply voltage; no need for DC blocking capacitors, unless
external DC is present at the RF ports.
Built-in CMOS driver
No need for external driver, saving PCB space and cost.
Tiny MCLP package
2 x 2mm, 12-lead
Provides low inductance, repeatable transitions, and excellent thermal contact to PCB.
Key Features
50
Ω
5 to 6000 MHz
High Power 3W
• Single Positive Supply Voltage
• High Power P0.1dB, 3W
• Low Insertion Loss, 0.33 dB at 1 GHz
JSW2-63DR+
CASE STYLE: MT1818


Similar Part No. - JSW2-63DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSW2-63VHDRG MINI-JSW2-63VHDRG Datasheet
304Kb / 5P
SPDT RF Switch
JSW2-63VHDRG+ MINI-JSW2-63VHDRG+ Datasheet
304Kb / 5P
SPDT RF Switch
JSW2-63VHDRP MINI-JSW2-63VHDRP Datasheet
282Kb / 5P
SPDT RF Switch
JSW2-63VHDRP+ MINI-JSW2-63VHDRP+ Datasheet
282Kb / 5P
SPDT RF Switch
More results

Similar Description - JSW2-63DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com