Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63DR Datasheet(PDF) 3 Page - Mini-Circuits

Part # JSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63DR Datasheet(HTML) 3 Page - Mini-Circuits

  JSW2-63DR Datasheet HTML 1Page - Mini-Circuits JSW2-63DR Datasheet HTML 2Page - Mini-Circuits JSW2-63DR Datasheet HTML 3Page - Mini-Circuits JSW2-63DR Datasheet HTML 4Page - Mini-Circuits JSW2-63DR Datasheet HTML 5Page - Mini-Circuits JSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPDT RF Switch
JSW2-63DR+
Page 3 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications(1), 5 - 6000 MHz, TAMB=25°C, VDD= +2.3 to 4.8V
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
5
6000
MHz
Insertion Loss(2)
(ON STATE)
5 to 1000
0.33
0.40
dB
1000 to 2500
0.40
0.50
2500 to 5000
0.57
0.75
5000 to 6000
0.57
0.80
Isolation between Common port and RF1/RF2 Ports
5 to 1000
40
42
dB
1000 to 2500
30
33
2500 to 5000
22
24
5000 to 6000
18
21
Isolation between RF1 and RF2 ports(3)
5 to 1000
40
46
dB
1000 to 2500
30
35
2500 to 5000
22
26
5000 to 6000
18
22
Return Loss (ON STATE), all ports
5 to 1000
25
dB
1000 to 2500
22
2500 to 5000
14
5000 to 6000
14
Input IP3 (V
DD=3V)
5 to 1000
56
dBm
1000 to 2500
62
2500 to 5000
59
5000 to 6000
59
0.1dB Input Compression(4)
5 to 6000
35
dBm
DC Operating Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
VDD, Supply Voltage
2.3
4.8
V
Supply Current
37
µA
Control Enable Voltage Low
0
0.4
V
Control Enable Voltage High
1.65
VDD
V
Control Current
1
µA
Shutdown mode - Supply Current
7
µA
Switching Specifications
Parameter
Min.
Typ.
Max.
Units
Rise/Fall Time (10 to 90% or 90 to 10% RF)
—
0.5 (Rise Time)
0.7 (Fall Time)
—
µSec
Switching Time, 50% CTRL to 90/10% RF
—
1.9 (ON Time)
1.1 (OFF Time)
—
µSec
Video Feedthrough, (control 0 to 1.65V, freq.=10 KHz)
—
3.0
—
mV
P-P
Notes:
1. Tested on Mini-Circuit’s test board TB-725+ (see Characterization Test Circuit, Fig.1).
2. Insertion loss values are de-embedded from test board loss.
3. Enable voltage “HI”, either RF1 or RF2 are ON.
4. Do not exceed RF input power as shown in Absolute Maximum Rating table.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com