Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63DR Datasheet(PDF) 4 Page - Mini-Circuits

Part # JSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63DR Datasheet(HTML) 4 Page - Mini-Circuits

  JSW2-63DR Datasheet HTML 1Page - Mini-Circuits JSW2-63DR Datasheet HTML 2Page - Mini-Circuits JSW2-63DR Datasheet HTML 3Page - Mini-Circuits JSW2-63DR Datasheet HTML 4Page - Mini-Circuits JSW2-63DR Datasheet HTML 5Page - Mini-Circuits JSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPDT RF Switch
JSW2-63DR+
Page 4 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings(5)
Parameter
Ratings
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to 125°C
V
DD, Supply Voltage
5.0V
Voltage Control
-0.2V Min. VDD Max.
RF input power
5 Watt6
Truth Table (State of control and enable voltage selects the desired switch state)
State of:
RF Common to
Control Voltage
Enable Voltage
RF1
RF2
High
High
ON
OFF
Low
High
OFF
ON
Low/High
Low
Shutdown
ON- low insertion loss state OFF- Isolation State
5. Operation of this device above any of these conditions may cause permanent damage.
6. Derate linearly to 2.5W at 85°C.
Characterization Test Circuit
Test Equipment:
For Insertion loss, Isolation, Return loss:
Agilent’s N5230A Network Analyzer , E3631A power supply.
For Switching Time and Video Feed through
Agilent’s AG54832B HP81110A pulse generator, HPE3631A Network Analyzer , E3631A power supply.
Agilent’s N90A Spectrum Analyzer , E8257D Generator U200A
For Compression:
R&S Network Analyzer ZVA24, E3631A power supply.
Conditions:
V
DD= +2.3 and +4.8V, Control= 0 and 1.65V.
For Insertion loss, isolation and return loss: Pin=0 dBm
For Input IP3: Pin=+10dBm/tone.
For Switching time: RF frequency: 500 MHz at 0 dBm, Control Frequency: 10 KHz and 0 and +1.65V.
Figure 1: Block Diagram Of Test Circuit Used For Characterization.
(DUT soldered on Mini-Circuit’s TB-725+)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com