Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63DR Datasheet(PDF) 2 Page - Mini-Circuits

Part # JSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63DR Datasheet(HTML) 2 Page - Mini-Circuits

  JSW2-63DR Datasheet HTML 1Page - Mini-Circuits JSW2-63DR Datasheet HTML 2Page - Mini-Circuits JSW2-63DR Datasheet HTML 3Page - Mini-Circuits JSW2-63DR Datasheet HTML 4Page - Mini-Circuits JSW2-63DR Datasheet HTML 5Page - Mini-Circuits JSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPDT RF Switch
Page 2 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• High Isolation, 40 dB typ. at 1 GHz
• Low insertion loss, 0.33 dB typ. at 1 GHz
• High IP3, 55 dBm typ. at 1 GHz
• Low current consumption, 37 µ
A typ.
• High Power,P0.1dB 3W typ.
General Description
JSW2-63DR+ is a high power 3W reflective SPDT switch with integral CMOS driver, operates with single
positive supply voltage while consuming, 37
µA typical. JSW is a reflective short on output port in OFF
state. It has been designed for very wideband operation of 5-6000 MHz. It is packaged in a tiny 2mm x
2mm x 0.55mm package and is rated MSL1 and class 1B for ESD (HBM)
JSW2-63DR+
REV. D
M153173
JSW2-63DR+
RS/TH/CP/AM
151002
50
Ω 5-6000 MHz
Simplified Schematic and Pad Description
Reflective RF Switch with internal driver.
Single Supply Voltage, +2.3V to +4.8V, High Power 3W
Function
Pad
Number
Description
RF COM
2
RF Common/ SUM Port, (see Fig. 2)
RF1
11
RF Out #1/In Port #1, (see Fig. 2)
RF2
5
RF Out #1/In Port #2, (see Fig. 2)
Control
7
CMOS Control IN
VDD
9
Supply Voltage
Enable
8
Shutdown mode enabled by connecting to logic low
GND
1,3,4,6,10,12
Ground
CASE STYLE: MT1818
Typical Applications
• CATV systems
• SATCOM system
• Automated Test Stations
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com