Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # GL34D
Description  12W 5V SMPS evaluation board with ICE3AR4780VJZ
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GL34D Datasheet(HTML) 3 Page - Infineon Technologies AG

  GL34D Datasheet HTML 1Page - Infineon Technologies AG GL34D Datasheet HTML 2Page - Infineon Technologies AG GL34D Datasheet HTML 3Page - Infineon Technologies AG GL34D Datasheet HTML 4Page - Infineon Technologies AG GL34D Datasheet HTML 5Page - Infineon Technologies AG GL34D Datasheet HTML 6Page - Infineon Technologies AG GL34D Datasheet HTML 7Page - Infineon Technologies AG GL34D Datasheet HTML 8Page - Infineon Technologies AG GL34D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Abstract
Application Note
3
Revision 1.2, 2015-05-12
1
Abstract
This document is an engineering report of a universal input 12W 5V off-line flyback converter power supply
utilizing F3R80 CoolSET™ICE3AR4780VJZ. The application evaluation board is operated in Discontinuous
Conduction Mode (DCM) and is running at 100 kHz switching frequency. It has a single output voltage with
secondary side control regulation. It is especially suitable for small power supply such as DVD player, set-top
box, game console, charger and auxiliary power of white goods, server, PC and high power system, etc. The
ICE3AR4780VJZ is the latest version of the CoolSET™. Besides having the basic features of the F3R CoolSET™
such as Active Burst Mode, propagation delay compensation, soft gate drive, auto restart protection for
major fault (Vcc over voltage, Vcc under voltage, adjustable input OVP, over temperature, over-load, open
loop and short opto-coupler), it also has the BiCMOS technology design, selectable entry and exit burst
mode level, adjustable AC line input over voltage protection feature, built-in soft start time, built-in and
extendable blanking time and frequency jitter feature, etc. The particular features are the best-in-class low
standby power and the good EMI performance.
2
Evaluation board
This document contains the list of features, the power supply specification, schematic, bill of material and
the transformer construction documentation. Typical operating characteristics such as performance curve
and scope waveforms are showed at the rear of the report.
Figure 1
EVAL-3AR4780VJZ [Dimensions L x W x H: 95mm x 41mm x 24mm (3.74" x 1.61" x 0.94")]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com