Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # GL34D
Description  12W 5V SMPS evaluation board with ICE3AR4780VJZ
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GL34D Datasheet(HTML) 2 Page - Infineon Technologies AG

  GL34D Datasheet HTML 1Page - Infineon Technologies AG GL34D Datasheet HTML 2Page - Infineon Technologies AG GL34D Datasheet HTML 3Page - Infineon Technologies AG GL34D Datasheet HTML 4Page - Infineon Technologies AG GL34D Datasheet HTML 5Page - Infineon Technologies AG GL34D Datasheet HTML 6Page - Infineon Technologies AG GL34D Datasheet HTML 7Page - Infineon Technologies AG GL34D Datasheet HTML 8Page - Infineon Technologies AG GL34D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Abstract
Application Note
2
Revision 1.2, 2015-05-12
6
Circuit diagram...........................................................................................................7
7
PCB layout .................................................................................................................8
7.1
Top side......................................................................................................................................................8
7.2
Bottom side................................................................................................................................................8
8
Component list ...........................................................................................................9
9
Transformer construction.......................................................................................... 10
10
Test results .............................................................................................................. 11
10.1
Efficiency ..................................................................................................................................................11
10.2
Standby power ........................................................................................................................................12
10.3
Line regulation.........................................................................................................................................13
10.4
Load regulation .......................................................................................................................................13
10.5
Maximum power......................................................................................................................................14
10.6
ESD immunity (EN61000-4-2).................................................................................................................14
10.7
Surge immunity (EN61000-4-5)..............................................................................................................14
10.8
Conducted emissions (EN55022 class B) ..............................................................................................15
10.9
Thermal measurement...........................................................................................................................17
11
Waveforms and scope plots........................................................................................ 18
11.1
Start up at low/high AC line input voltage with maximum load ........................................................18
11.2
Soft start...................................................................................................................................................18
11.3
Frequency jittering..................................................................................................................................19
11.4
Drain voltage and current at maximum load .......................................................................................19
11.5
Load transient response (Dynamic load from 10% to 100%).............................................................20
11.6
Output ripple voltage at maximum load ..............................................................................................20
11.7
Output ripple voltage during burst mode at 1 W load ........................................................................21
11.8
Active Burst mode operation .................................................................................................................21
11.9
Vcc over voltage protection (Odd skip auto restart mode) ................................................................22
11.10
Over load protection (Auto restart mode)............................................................................................22
11.11
VCC under voltage/Short optocoupler protection (Normal auto restart mode)................................23
11.12
AC Line input OVP mode.........................................................................................................................23
12
References ............................................................................................................... 24
Revision History........................................................................................................................ 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com