Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # GL34D
Description  12W 5V SMPS evaluation board with ICE3AR4780VJZ
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GL34D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button GL34D Datasheet HTML 6Page - Infineon Technologies AG GL34D Datasheet HTML 7Page - Infineon Technologies AG GL34D Datasheet HTML 8Page - Infineon Technologies AG GL34D Datasheet HTML 9Page - Infineon Technologies AG GL34D Datasheet HTML 10Page - Infineon Technologies AG GL34D Datasheet HTML 11Page - Infineon Technologies AG GL34D Datasheet HTML 12Page - Infineon Technologies AG GL34D Datasheet HTML 13Page - Infineon Technologies AG GL34D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Transformer construction
Application Note
10
Revision 1.2, 2015-05-12
9
Transformer construction
Core and material: EE20/10/6(EF20), TP4A (TDG)
Bobbin: 070-4989(10-Pins, TH-H, Horizontal version)
Primary Inductance, Lp=571μH (±10%), measured between pin 4 and pin 5
Manufacturer and part number: Wurth Electronics Midcom (750342411)
Figure 5
Transformer structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com