Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # GL34D
Description  12W 5V SMPS evaluation board with ICE3AR4780VJZ
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GL34D Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button GL34D Datasheet HTML 17Page - Infineon Technologies AG GL34D Datasheet HTML 18Page - Infineon Technologies AG GL34D Datasheet HTML 19Page - Infineon Technologies AG GL34D Datasheet HTML 20Page - Infineon Technologies AG GL34D Datasheet HTML 21Page - Infineon Technologies AG GL34D Datasheet HTML 22Page - Infineon Technologies AG GL34D Datasheet HTML 23Page - Infineon Technologies AG GL34D Datasheet HTML 24Page - Infineon Technologies AG GL34D Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Waveforms and scope plots
Application Note
21
Revision 1.2, 2015-05-12
11.7
Output ripple voltage during burst mode at 1 W load
Channel 1; C1 : Output ripple voltage (Vo)
Channel 2; C2 : Output current (Io)
Channel 1; C1 : Output ripple voltage (Vo)
Channel 2; C2 : Output current (Io)
Vripple_pk_pk=25mV
Probe terminal end with decoupling capacitor of
0.1μF(ceramic) & 1μF(Electrolytic), 20MHz filter
Vripple_pk_pk = 18mV
Probe terminal end with decoupling capacitor of
0.1μF(ceramic) & 1μF(Electrolytic), 20MHz filter
Figure 27 AC output ripple @ 85Vac and 1W
load
Figure 28 AC output ripple @ 265Vac and 1W
load
11.8
Active Burst mode operation
Channel 1; C1 : Current sense voltage (VCS)
Channel 2; C2 : Supply voltage (VCC)
Channel 3; C3 : Feedback voltage (VFBB)
Channel 4; C4 : BV voltage (VBV)
Channel 1; C1 : Current sense voltage (VCS)
Channel 2; C2 : Supply voltage (VCC)
Channel 3; C3 : Feedback voltage (VFBB)
Channel 4; C4 : BV voltage (VBV)
Condition: VFB<1.27V & last for 20ms
(load change form full load to 0.5W load)
Condition: VFB>4.5V
(load change form 0.5W load to full load)
Figure 29 Entering active burst mode @
85Vac
Figure 30 Leaving active burst mode @ 85Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com