Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73828 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 4 Page - Microchip Technology

  MCP73828 Datasheet HTML 1Page - Microchip Technology MCP73828 Datasheet HTML 2Page - Microchip Technology MCP73828 Datasheet HTML 3Page - Microchip Technology MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP73828
DS21706A-page 4
 2002 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
FIGURE 1-1:
MCP73828 Test Circuit.
Temperature Monitor - THERM
Thermistor Bias Current
ITHERM
22.5
25.0
27.5
µA
THERM Threshold Voltages
VTH
—
—
113
839
—
—
mV
Lower Threshold Voltage
Upper Threshold Voltage
Unless otherwise specified, all limits apply for VIN = [VREG(typ)+1V], RSENSE = 500 mΩ, TA = -20°C to +85°C.
Typical values are at +25°C. Refer to Figure 1-1 for test circuit.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Unless otherwise specified, all limits apply for VIN = 4.5V-5.5V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-20
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistance
Thermal Resistance, 8L-MSOP
θJA
—
206
—
°C/W
Single Layer SEMI
G42-88 Standard
Board, Natural Convec-
tion
GND
V
DRV
V
SNS
V
IN
V
BAT
SHDN
12
5
7
8
6
100 k
Ω
RSENSE
NDS8434
MCP73828
CD10
100 k
Ω
4
3
THERM
10 k
Ω
22 µF
22 µF
V
IN = 5.1V
I
OUT
V
OUT
(MCP73828-4.1)
V
IN = 5.2V
(MCP73828-4.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com