Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73828 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73828 Datasheet HTML 1Page - Microchip Technology MCP73828 Datasheet HTML 2Page - Microchip Technology MCP73828 Datasheet HTML 3Page - Microchip Technology MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2002 Microchip Technology Inc.
DS21706A-page 1
M
MCP73828
Features
• Linear Charge Management Controller for Single
Lithium-Ion Cells
• High Accuracy Preset Voltage Regulation:
+1% (max)
• Two Preset Voltage Regulation Options:
- 4.1V - MCP73828-4.1
- 4.2V - MCP73828-4.2
• Programmable Charge Current
• Automatic Cell Preconditioning of Deeply
Depleted Cells, Minimizing Heat Dissipation
During Initial Charge Cycle
• Charge Complete Output CD10 for LED or
Microcontroller Interface
• Continuous Temperature Monitoring
• Automatic Power-Down when Input Power
Removed
• Temperature Range: -20°C to +85°C
• Packaging: 8-Pin MSOP
Applications
• Single Cell Lithium-Ion Battery Chargers
• Personal Data Assistants
• Cellular Telephones
• Hand Held Instruments
• Cradle Chargers
• Digital Cameras
Typical Application Circuit
Description
The MCP73828 is a linear charge management con-
troller for use in space-limited, cost sensitive applica-
tions. The MCP73828 combines high accuracy
constant voltage, controlled current regulation, cell pre-
conditioning, cell temperature monitoring, and charge
complete indication in a space saving 8-pin MSOP
package. The MCP73828 provides a stand-alone
charge management solution.
The MCP73828 charges the battery in three phases:
preconditioning, controlled current, and constant volt-
age. If the battery voltage is below the internal low-volt-
age threshold, the battery is preconditioned with a
foldback current. The preconditioning phase protects
the lithium-ion cell and minimizes heat dissipation.
Following the preconditioning phase, the MCP73828
enters the controlled current phase. The MCP73828
allows for design flexibility with a programmable charge
current set by an external sense resistor. The charge
current is ramped up, based on the cell voltage, from
the foldback current to the peak charge current estab-
lished by the sense resistor. This phase is maintained
until the battery reaches the charge-regulation voltage.
Then, the MCP73828 enters the final phase, constant
voltage. The accuracy of the voltage regulation is better
than ±1% over the entire operating temperature range
and supply voltage range. The MCP73828-4.1 is preset
to a regulation voltage of 4.1V, while the MCP73828-
4.2 is preset to 4.2V. The charge complete output,
CD10, indicates when the charge current has dimin-
ished to approximately 10% of the peak charge current
established by the sense resistor.
The MCP73828 operates with an input voltage range
from 4.5V to 5.5V. The MCP73828 is fully specified
over the ambient temperature range of -20°C to +85°C.
Package Type
+
-
12
5
7
8
MCP73828
6
3
4
Thermistor
GND
V
DRV
V
SNS
V
IN
V
BAT
SHDN
10 µF
100 k
Ω
100 m
Ω
V
IN
Lithium-Ion
Cell
NDS8434
MA2Q705
5V
10 µF
Single
THERM
CD10
332
Ω
500 mA Lithium-Ion Battery Charger
MSOP
V
DRV
V
SNS
V
IN
V
BAT
SHDN 1
2
3
4
8
7
MCP73828
5
6
THERM
CD10
GND
Single Cell Lithium-Ion Charge Management Controller
with Charge Complete Indicator and Temperature Monitor


Similar Part No. - MCP73828

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826 MICROCHIP-MCP73826 Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.1VCHTR MICROCHIP-MCP73826-4.1VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.2VCHTR MICROCHIP-MCP73826-4.2VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
More results

Similar Description - MCP73828

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Microchip Technology
MCP73827 MICROCHIP-MCP73827 Datasheet
283Kb / 20P
Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor
2007
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
Lithium Ion Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com