Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73828 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 9Page - Microchip Technology MCP73828 Datasheet HTML 10Page - Microchip Technology MCP73828 Datasheet HTML 11Page - Microchip Technology MCP73828 Datasheet HTML 12Page - Microchip Technology MCP73828 Datasheet HTML 13Page - Microchip Technology MCP73828 Datasheet HTML 14Page - Microchip Technology MCP73828 Datasheet HTML 15Page - Microchip Technology MCP73828 Datasheet HTML 16Page - Microchip Technology MCP73828 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2002 Microchip Technology Inc.
DS21706A-page 13
MCP73828
VINMIN is the minimum input voltage source
IOUT is the maximum peak fast charge current
RSENSE is the sense resistor
Worst case, VGS with a 5V, +/-10% input voltage
source, 100 m
Ω, 1% sense resistor, and a maximum
sink voltage of 1.6V is:
At this worst case VGS, the RDSON of the MOSFET
must be low enough as to not impede the performance
of the charging system. The maximum allowable
RDSON at the worst case VGS is:
The Fairchild NDS8434 and International Rectifier
IRF7404 both satisfy these requirements.
6.1.1.3
EXTERNAL CAPACITORS
The MCP73828 is stable with or without a battery load.
In order to maintain good AC stability in the constant
voltage mode, a minimum capacitance of 10 µF is rec-
ommended to bypass the VBAT pin to GND. This capac-
itance provides compensation when there is no battery
load. In addition, the battery and interconnections
appear inductive at high frequencies. These elements
are in the control feedback loop during constant voltage
mode. Therefore, the bypass capacitance may be nec-
essary to compensate for the inductive nature of the
battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum ESR
(Effective Series Resistance) value. The actual value of
the capacitor and its associated ESR depends on the
forward trans conductance, gm, and capacitance of the
external pass transistor. A 10 µF tantalum or aluminum
electrolytic capacitor at the output is usually sufficient
to ensure stability for up to a 1 A output current.
6.1.1.4
REVERSE BLOCKING PROTECTION
The optional reverse blocking protection diode
depicted in Figure 6-1 provides protection from a
faulted or shorted input or from a reversed polarity input
source. Without the protection diode, a faulted or
shorted input would discharge the battery pack through
the body diode of the external pass transistor.
If a reverse protection diode is incorporated in the
design, it should be chosen to handle the peak fast
charge current continuously at the maximum ambient
temperature. In addition, the reverse leakage current of
the diode should be kept as small as possible.
6.1.1.5
SHUTDOWN INTERFACE
In the stand-alone configuration, the shutdown pin is
generally tied to the input voltage. The MCP73828 will
automatically enter a low power mode when the input
voltage is less than the output voltage reducing the bat-
tery drain current to 10 µA, typically.
By connecting the shutdown pin as depicted in
Figure 6-1, the battery drain current may be further
reduced. In this application, the battery drain current
becomes a function of the reverse leakage current of
the reverse protection diode.
6.1.1.6
CELL TEMPERATURE MONITOR
As discussed in Section 5.1.1, the MCP73828 can
monitor a temperature range for –0.5°C to 44.2°C. This
temperature range can be expanded or shifted by plac-
ing fixed value resistors in series/parallel combinations
with the thermistor (see Figure 6-1). Given that the
nominal output current of the THERM pin is 25 µA, the
resistor values must satisfy the following equations:
Where:
RS is the fixed series resistance
RP is the fixed parallel resistance
RTHERMISTOR-H is the NTC thermistor resistance
at the upper temperature of interest
RTHERMISTOR-C is the NTC thermistor resistance
at the lower temperature of interest.
For example, by utilizing a 931
Ω resistor in series with
the typical NTC thermistor described previously, the
monitored temperature window will shift to 0°C to
+50°C, typically. Again, with the same thermistor, a
1k
Ω series resistor and a 140 kΩ parallel resistor will
produce a monitored window of -5°C to +50°C, typi-
cally.
VGS
1.6V
4.5V 758mA 99m
Ω
×
–
()
–
2.8
–
V
==
RDSON
VINMIN IPEAK RSENSE
×
–
VBATMAX
–
IOUT
----------------------------------------------------------------------------------------------
=
RDSON
4.5V 758mA 99m
Ω
×
–
4.242V
–
758mA
--------------------------------------------------------------------------------
242m
Ω
==
RS
RP RTHERMISTOR H
–
×
RP RTHERMISTOR H
–
+
--------------------------------------------------------
+
4520
Ω typ
()
=
RS
RP RTHERMISTOR C
–
×
RP RTHERMISTOR C
–
+
--------------------------------------------------------
+
33560
Ω typ
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com