Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73828 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73828
Description  Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73828 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73828 Datasheet HTML 4Page - Microchip Technology MCP73828 Datasheet HTML 5Page - Microchip Technology MCP73828 Datasheet HTML 6Page - Microchip Technology MCP73828 Datasheet HTML 7Page - Microchip Technology MCP73828 Datasheet HTML 8Page - Microchip Technology MCP73828 Datasheet HTML 9Page - Microchip Technology MCP73828 Datasheet HTML 10Page - Microchip Technology MCP73828 Datasheet HTML 11Page - Microchip Technology MCP73828 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MCP73828
DS21706A-page 8
 2002 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
Pin Function Table.
3.1
Logic Shutdown (SHDN)
Input to force charge termination, initiate charge, or ini-
tiate recharge.
3.2
Battery Management 0V Reference
(GND)
Connect to negative terminal of battery.
3.3
Cell Temperature Monitor (THERM)
Charging is inhibited when the input is outside the
upper and lower threshold limits. Connection of a
10 k
Ω resistor between THERM and GND disables the
function when cell temperature monitoring is not
required.
3.4
Charge Complete Output (CD10)
Open-drain drive for connection to an LED for charge
complete indication. Alternatively, a pull-up resistor can
be applied for interfacing to a microcontroller. A low
impedance state indicates charging. A high impedance
indicates that the charge current has diminished below
10% of the peak charge current.
3.5
Cell Voltage Monitor Input (VBAT)
Voltage sense input. Connect to positive terminal of
battery. Bypass to GND with a minimum of 10 µF to
ensure loop stability when the battery is disconnected.
A precision internal resistor divider regulates the final
voltage on this pin to VREG.
3.6
Drive Output (VDRV)
Direct output drive of an external P-channel MOSFET
pass transistor for current and voltage regulation.
3.7
Charge Current Sense Input VSNS)
Charge current is sensed via the voltage developed
across an external precision sense resistor. The sense
resistor must be placed between the supply voltage
(VIN) and the source of the external pass transistor. A
50 m
Ω sense resistor produces a fast charge current of
1A, typically.
3.8
Battery Management Input Supply
(VIN)
A supply voltage of 4.5V to 5.5V is recommended.
Bypass to GND with a minimum of 10 µF.
Pin
Name
Description
1
SHDN
Logic Shutdown
2
GND
Battery Management
0V Reference
3
THERM
Cell Temperature Monitor
4
CD10
Charge Complete Output
5VBAT
Cell Voltage Monitor Input
6VDRV
Drive Output
7VSNS
Charge Current Sense Input
8VIN
Battery Management
Input Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com