Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PRO Datasheet(PDF) 2 Page - Littelfuse

Part # 2PRO
Description  The 2Pro product is an integrated overcurrent over-voltage protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2PRO Datasheet(HTML) 2 Page - Littelfuse

  2PRO Datasheet HTML 1Page - Littelfuse 2PRO Datasheet HTML 2Page - Littelfuse 2PRO Datasheet HTML 3Page - Littelfuse 2PRO Datasheet HTML 4Page - Littelfuse 2PRO Datasheet HTML 5Page - Littelfuse 2PRO Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
C
B
D
E
E
Center to Center
Typ
MOV
PPTC
(1)
(2)
(3)
A
C
B
D
E
MOV
PPTC
Center to Center
Typ
(1)
(2)
(3)
A
C
B
F
D
E
Center to Center
Typ
MOV
PPTC
(1)
(2)
(3)
(1)
(2)
(3)
Electrical Schematic
Overcurrent (terminals 1 – 2) — Performance ratings @ 20°C
Resistance†
Time-to-
IHOLD
ITRIP
(Ω)
Trip (s)†
Part Number
(A)
(A)
R MIN
R MAX
R1 MAX*
Typ
Max
TM2P-10271
0.15
0.30
6.50
14.00
16.00
0.90
3.00
(@1A)
LVM2P-015R10431
0.15
0.30
6.50
14.00
16.00
0.90
3.00
(@1A)
LVM2P-035R14431
0.35
0.75
1.40
2.20
2.80
0.50
2.00
(@3A)
LVM2P-075R14431
0.75
1.50
0.37
0.80
1.00
0.90
1.20
(@7A)
Figures 2P1-2P3 — Dimension Figures
Table 2P2 — Dimensions in Millimeters and (Inches*)
Table 2P1 — Electrical Characteristics
Overvoltage (Terminals 2 – 3)
Varistor Voltage
DC Resistance
Maximum
Rated
V @ 1mA
@ 100V
Clamping
Wattage
Part Number
DC (V)
Tolerance
(MΩ)
(V)
(W)
TM2P-10271
260
+14% -7%
>10
455 (@25A)
0.25
LVM2P-015R10431
430
+10% -10%
>10
710 (@ 25A)
0.25
LVM2P-035R14431
430
+10% -10%
>10
710 (@ 50A)
0.60
LVM2P-075R14431
430
+10% -10%
>10
710 (@ 50A)
1.00
* Maximum device resistance at 20°C measured 1 hour post trip.
† Corresponds to operation below varistor voltages.
Figure 2P1
Figure 2P2
Figure 2P3
Part
Number
A
B
C
D
E
F
Figure
Min
Max
Min
Max
Min
Max
Min
Max
Nom
Min
Max
TM2P-10271
mm
—
12.0
—
15.0
—
6.6
6.0
—
2.5
—
12.0
2P1
in*
—
(0.47)
—
(0.59)
—
(0.26)
(0.24)
—
(0.10)
—
(0.47)
LVM2P-015R10431
mm
—
12.0
—
17.0
—
7.4
8.5
11.5
5.1
2P2
in*
—
(0.47)
—
(0.67)
—
(0.29)
(0.34)
(0.45)
(0.20)
LVM2P-035R14431
mm
—
16.0
—
21.0
—
7.4
3.0
5.0
5.1
2P2
in*
—
(0.63)
—
(0.83)
—
(0.29)
(0.12)
(0.20)
(0.20)
LVM2P-075R14431
mm
—
16.0
—
21.0
—
7.4
3.0
5.0
2.5
2P3
in*
—
(0.63)
—
(0.83)
—
(0.29)
(0.12)
(0.20)
(0.10)
* The dimensions in inches are rounded approximations.
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
42
PolySwitch Resettable Devices
Radial-Leaded Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com