Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PRO Datasheet(PDF) 3 Page - Littelfuse

Part # 2PRO
Description  The 2Pro product is an integrated overcurrent over-voltage protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2PRO Datasheet(HTML) 3 Page - Littelfuse

  2PRO Datasheet HTML 1Page - Littelfuse 2PRO Datasheet HTML 2Page - Littelfuse 2PRO Datasheet HTML 3Page - Littelfuse 2PRO Datasheet HTML 4Page - Littelfuse 2PRO Datasheet HTML 5Page - Littelfuse 2PRO Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.1
1
10
100
1000
100
10
1
0.1
0.01
Short Circuit Current (A)
A
B
C
D
E
F
A - LVM2P-015R10431 PPTC only
B - LVM2P-015R10431 LVM2P at 415V
C - LVM2P-035R14431 PPTC only
D - LVM2P-035R14431 LVM2P at 415V
E - LVM2P-075R14431 PPTC only
F - LVM2P-075R14431 LVM2P at 415V
Figure 2P4 —TypicalTime-to-Trip at 25°C
Table 2P3 — Physical Characteristics and Environmental Specifications
Physical Characteristics
Lead Material
Tin-plated Copper, 0.33mm2 (22AWG), 0.64mm (0.025in)
Flammability
IEC 695-2-2 Needle Flame Test for 20s
Soldering Characteristics
ANSI Approved IPC/EIA/JEDEC J-STD-002, Category 3
Solder Heat Withstand
per IEC-STD 68-2-20, Test Tb, Method1A, Condition B, can withstand 10 Seconds at 260°C ± 5°C
Environmental Specifications
Test
Conditions
Passive Aging
60°C, 1000 Hours / 85°C, 1000 Hours
Humidity Aging
85°C, 85% RH, 500 Hours
Active Aging
60°C, 90% RH, 60VDC Bias,1000 Hours
Thermal Shock
125°C, -55°C (10 Times)
Solvent Resistance
MIL-STD-202, Method 215K
Note: Storage conditions: 40°C max, 70% RH max, devices should remain in original sealed bag prior to use.
Devices may not meet specified values if these storage conditions are exceeded.
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
43
PolySwitch Resettable Devices
Radial-Leaded Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com