Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PRO Datasheet(PDF) 4 Page - Littelfuse

Part # 2PRO
Description  The 2Pro product is an integrated overcurrent over-voltage protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2PRO Datasheet(HTML) 4 Page - Littelfuse

  2PRO Datasheet HTML 1Page - Littelfuse 2PRO Datasheet HTML 2Page - Littelfuse 2PRO Datasheet HTML 3Page - Littelfuse 2PRO Datasheet HTML 4Page - Littelfuse 2PRO Datasheet HTML 5Page - Littelfuse 2PRO Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Recommended Wave Soldering for Radial-leaded Devices
• Soldering temperature profile
(Temperature characteristic at component terminal with dual
wave soldering)
Rework
• If a device is removed from the board, it should be discarded
and replaced with a new device
Table 2P4 — Packaging and Marking Information
Part Number
Bag Quantity
Tape and Reel Quantity
Standard Package
Part Marking
TM2P-10271
250
—
3,000
1027 & Batch #
TM2P-10271-2
—
1,000
5,000
1027 & Batch #
LVM2P-015R10431
250
—
3,000
C431 & Batch #
LVM2P-035R14431
250
—
3,000
A431 & Batch #
LVM2P-075R14431
250
—
3,000
B431 & Batch #
Table 2P5 — Ordering Information
Bulk
250
pieces/bag
3,000
pieces/box
Tape & Reel
1,000
pieces/reel
5,000
pieces/box
Wave Soldering and Rework Recommendations
Figure 2P5
300
250
200
150
100
50
0
050
10s
245˚C ... 260˚C
100˚C ... 130˚C
Forced Cooling
100150
200
250
Time (s)
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
44
PolySwitch Resettable Devices
Radial-Leaded Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com