Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PRO Datasheet(PDF) 1 Page - Littelfuse

Part # 2PRO
Description  The 2Pro product is an integrated overcurrent over-voltage protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2PRO Datasheet(HTML) 1 Page - Littelfuse

  2PRO Datasheet HTML 1Page - Littelfuse 2PRO Datasheet HTML 2Page - Littelfuse 2PRO Datasheet HTML 3Page - Littelfuse 2PRO Datasheet HTML 4Page - Littelfuse 2PRO Datasheet HTML 5Page - Littelfuse 2PRO Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2PRO DEVICES
The 2Pro product is an integrated overcurrent/
over-voltage protection device. The RoHS-compliant
component incorporates PolySwitch PPTC (Polymeric
Positive Temperature Coefficient) technology and MOV
(Metal Oxide Varistor) technology in a single device to
help reduce board space requirements and component
count.
Damage to telephony communications equipment can be
caused by various sources including lightning, electrostatic
discharge (ESD), power contact and induction with AC
lines. The 2Pro TM2P-10271 devices help provide current
limiting during overcurrent events and voltage clamping
during overvoltage events. After a fault condition is
removed and power is cycled, 2Pro devices will reset so
that the equipment remains operational.
The 2Pro device helps address the need for resettable circuit protection devices for use in cost-sensitive PSTN (Public
Switched Telephone Network) and VoIP (Voice over Internet Protocol) telephony equipment. The widespread use of
VoIP gateways in homes and enterprise environments as the primary means of voice delivery requires the utmost safety
and reliability in equipment. 2Pro circuit protection devices help manufacturers comply with global safety standards,
including UL 60950, TIA-968-A, IEC 60950 and ITU-T K.20/K.21. The UL 497A listed protector also helps provide ESD
protection.
BENEFITS
• Single device helps reduce component count and
footprint
• Helps reduce warranty returns
• Helps equipment comply with surge tests per:
TIA-968-A, IEC 60950, ITU-T K.20/K.21
• Helps simplify UL 60950 testing
• Helps equipment comply with UL 60950
FEATURES
• RoHS compliant
• Halogen free
(refers to: Br
≥900ppm, Cl≥900ppm, Br+Cl≥1500ppm)
• Single overcurrent, overvoltage and ESD protection
device
• Resettable overcurrent protection
APPLICATIONS
• Cordless telephones
• VoIP gateways
• Fax machines
• Data modems
• Set-top boxes
• Security systems
• MDF modules
• Analog and ISDN linecards
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
41


Similar Description - 2PRO

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
AGRF1100 LITTELFUSE-AGRF1100 Datasheet
354Kb / 2P
Overcurrent Protection Device
AHEF1000 LITTELFUSE-AHEF1000 Datasheet
262Kb / 2P
Overcurrent Protection Device
AHRF100 LITTELFUSE-AHRF100 Datasheet
335Kb / 2P
Overcurrent Protection Device
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
Overcurrent Protection Device
AHRF1300 LITTELFUSE-AHRF1300 Datasheet
278Kb / 2P
Overcurrent Protection Device
ASMD150F LITTELFUSE-ASMD150F Datasheet
97Kb / 2P
Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com