Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410B Datasheet(PDF) 39 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 39 Page - Micronas

Back Button MSP3410B Datasheet HTML 35Page - Micronas MSP3410B Datasheet HTML 36Page - Micronas MSP3410B Datasheet HTML 37Page - Micronas MSP3410B Datasheet HTML 38Page - Micronas MSP3410B Datasheet HTML 39Page - Micronas MSP3410B Datasheet HTML 40Page - Micronas MSP3410B Datasheet HTML 41Page - Micronas MSP3410B Datasheet HTML 42Page - Micronas MSP3410B Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
39
ITT Semiconductors
13.4. Pin Circuits (pin numbers refer to PLCC68 package)
VSUP
N
GND
Fig. 13–5: Input Pins 3, 4
(S_DA_IN, I2S_DA_IN)
Fig. 13–6: Output Pins 1, 5, 13, 14, 64, 65, and 68
(S_ID,
I2S_DA_OUT,
D_CTR_OUT0/1,
FRAME,
S_DA_OUT, S_CL)
P
DVSUP
N
GND
Fig. 13–7: Output Pins 6, 7, 62, and 63
(I2S_WS, I2S_CL, N_DA, N_CL)
P
DVSUP
N
GND
Fig. 13–8: Input/Output Pins 8 and 9
(I2C_DA, I2C_CL)
N
GND
P
DVSUP
N
GND
Fig. 13–9: Input Pins 10, 11, 12, 15, 16, 22, and 55
(D_CTR_IN,
STANDBYQ,
ADR_SEL,
CW_DA,
CW_CL, TESTIO1, TESTIO2)
Fig. 13–10: Output Pins 18 and 20; Input Pin 21
(AUD_CL_OUT, XTALOUT; XTALIN)
P
N
500 k
3–30 pF
3–30 pF
N
P
GND
GND
AVSUP
AVSUP
Pin 18
AUD_CL_OUT
Fig. 13–11: Input Pin 19 (DMA_SYNC)
2.5 V
Fig. 13–12: Input Pins 23–25 and 29
(ANA_IN2+, ANA_IN–, ANA_IN1+, VREFTOP)
D
A
ANAIN1+
ANAIN2+
ANAIN–
VREFTOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com