Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410B Datasheet(PDF) 21 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 21 Page - Micronas

Back Button MSP3410B Datasheet HTML 17Page - Micronas MSP3410B Datasheet HTML 18Page - Micronas MSP3410B Datasheet HTML 19Page - Micronas MSP3410B Datasheet HTML 20Page - Micronas MSP3410B Datasheet HTML 21Page - Micronas MSP3410B Datasheet HTML 22Page - Micronas MSP3410B Datasheet HTML 23Page - Micronas MSP3410B Datasheet HTML 24Page - Micronas MSP3410B Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
21
ITT Semiconductors
Table 11–7: 8 bit FIR-coefficients (decimal integer) for MSP 3410 B
FIR_REG_1 0001hex and FIR_REG_2 0005hex
NICAM
FM-
Ter-
res-
trial
B/G, I
frequency
fc
B
FM - Satellite
FIR filtering corresponds to a bandpass filtering with a
band width of B = 130 kHz, 180 kHz, 200 kHz, ... 380 kHz
Auto-
search
or AM
Bandwidth (see also Table FM Volume Prescale)
C
(i)
SC/
SP/
F
FIR_
REG1
UK
FIR_
REG1
Ger-
man
Dual
FM
FIR_
REG1
and 2
130
kHz
FIR_
REG1
1)
130
kHz
FIR_
REG2
1)
180
kHz
FIR_
REG1
180
kHz
FIR_
REG2
200
kHz
FIR_
REG1
200
kHz
FIR_
REG2
280
kHz
FIR_
REG1
280
kHz
FIR_
REG2
380
kHz
FIR_
REG1
380
kHz
FIR_
REG2
500
kHz
FIR_
REG2
FIR_
REG2
0
–2
2
3
37
73
4
9
1
3
–4
–8
–1
–1
–1
75
1
–8
4
18
27
53
9
18
9
18
–4
–8
–6
–9
–1
19
2
–10
–6
27
32
64
14
28
14
27
2
4
–9
–16
–8
36
3
10
–4
48
60
119
23
47
24
48
19
36
4
5
2
35
4
50
40
66
51
101
27
55
33
66
41
78
38
65
59
39
5
86
94
72
65
127
32
64
37
72
57
107
70
123
126
40
1) The 130 kHz coefficients are based on subcarriers, which are 7 dB below an existent main carrier.
11.2.4. DCO-Increments
For a chosen TV standard a corresponding set of 24-bit
increments determining the mixing frequencies of the
quadrature mixers, has to be written into the IC. In Table
11–8 some examples of DCO increments are listed. It is
necessary to divide them up into low part and high part.
The formula for the calculation of the increments for any
chosen IF-Frequency is as follows:
INCRdez = int(f/fs ⋅ 224)
with: int = integer function
f
= IF-frequency in MHz
fS = sampling frequency (18.432 MHz)
Conversion of INCR into hex-format and separation of
the 12-bit low and high parts lead to the required incre-
ments. (DCO1_HI or _LO for channel 1, DCO2_HI or LO
for channel 2).
Table 11–8: DCO increments for the MSP 3410 B; frequency in MHz, increments in Hex
DCO1_LO 0093hex, DCO1_HI 009Bhex; DCO2_LO 00A3hex, DCO2_HI 00ABhex
Frq. MHz
DCO_HI
DCO_LO
Frq. MHz
DCO_HI
DCO_LO
4.5
3E8
000
5.04
5.5
5.58
5.7421875
460
4C6
4D8
4FC
000
38E
000
0AA
5.76
5.85
5.94
500
514
528
000
000
000
6.0
6.2
6.5
6.552
535
561
5A4
5B0
555
C71
71C
000
6.6
6.65
6.8
5BA
5C5
5E7
AAA
C71
1C7
7.02
618
000
7.2
640
000
7.38
668
000
7.56
690
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com