Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410B Datasheet(PDF) 9 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 9 Page - Micronas

Back Button MSP3410B Datasheet HTML 5Page - Micronas MSP3410B Datasheet HTML 6Page - Micronas MSP3410B Datasheet HTML 7Page - Micronas MSP3410B Datasheet HTML 8Page - Micronas MSP3410B Datasheet HTML 9Page - Micronas MSP3410B Datasheet HTML 10Page - Micronas MSP3410B Datasheet HTML 11Page - Micronas MSP3410B Datasheet HTML 12Page - Micronas MSP3410B Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
9
ITT Semiconductors
4. Architecture of the MSP 3410 B
Fig. 4–1 shows a simplified block diagram of the IC. Its
architecture is split into three functional blocks:
1. demodulator and decoder section
2. digital signal processing (DSP) section performing
audio baseband processing
3. analog section containing two A/D-converters,
6 D/A-converters, and channel selection
4.1. Demodulator Block
4.1.1. Analog Sound IF – Input Section
The input pins ANA_IN1+, ANA_IN2+ and ANA_IN– of-
fer the possibility to connect two different sound IF
sources to the MSP 3410 B. By means of bit [8] of
AD_CV (see Table 11–2) either terrestrial or satellite
sound IF signals can be selected. The analog-to-digital
conversion of the preselected sound IF signal is done by
a flash-converter, whose output can be used to control
an analog automatic gain circuit (AGC), providing opti-
mum level for a wide range of input levels. It is possible
to switch between automatic gain control and a fixed
(setable) input gain. In the optimum case, the input
range of the AD converter is completely covered by the
sound if source. Some combinations of SAW filters and
sound IF mixer ICs however show large picture compo-
nents on their outputs. In this case filtering is recom-
mended. It was found, that the high pass filters formed
by the coupling capacitors at pins ANA_IN1+ and
ANA_IN2+ (as shown in the application diagram) are
sufficient in most cases.
4.1.2. Quadrature Mixers
The digital input coming from the integrated A/D conver-
ter may contain audio information at a frequency range
of theoretically 0 to 9 MHz corresponding to the selected
standards. By means of two programmable quadrature
mixers two different audio sources, for example NICAM
and FM-mono, may be shifted into baseband position.
In the following, the two main channels are provided to
process either:
– NICAM (channel 1) and FM mono (channel 2) simulta-
neously or, alternatively,
– FM2 (channel 1) and FM1 (channel 2).
Two independent digital oscillators are provided to gen-
erate two pairs of sin/cos-functions. Two programmable
increments, to be divided up into Low- and High Part,
determine frequency of the oscillator, which corre-
sponds to the frequency of the desired audio carrier. In
section 11.1., format and values of the increments are
listed.
Demodulator
IDENT
DFP
Sound IF
Loudspeaker
DACM_L
DACA_L
SC1_OUT_L
Headphone
Mono
SCART1
SCART2
D/A
D/A
D/A
D/A
D/A
D/A
SCART3
SCART 1
SCART 2
FM1
FM2
NICAM A
NICAM B
SCART_L
SCART_R
SCART_L
SCART_R
I2SL/R I2SL/R
S1...4
HEADPHONE L
HEADPHONE R
LOUD-
SPEAKER R
LOUD-
SPEAKER L
IDENT
A/D
A/D
DACM_R
DACA_R
SC1_OUT_R
SC2_OUT_L
SC2_OUT_R
ANA_IN1+
ANA_IN2+
MONO_IN
SC1_IN_L
SC1_IN_R
SC2_IN_L
SC2_IN_R
SC3_IN_L
SC3_IN_R
S_CL
S_DA_IN
S_DA_OUT
S_ID
I2S_CL
I2S_DA_IN
I2S_DA_OUT
I2S_WS
SBUS Interface
I2S Interface
Fig. 4–1: Architecture of the MSP 3410 B
SCART Switching Facilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com