Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3410B Datasheet(PDF) 22 Page - Micronas

Part # MSP3410B
Description  Multistandard Sound Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410B Datasheet(HTML) 22 Page - Micronas

Back Button MSP3410B Datasheet HTML 18Page - Micronas MSP3410B Datasheet HTML 19Page - Micronas MSP3410B Datasheet HTML 20Page - Micronas MSP3410B Datasheet HTML 21Page - Micronas MSP3410B Datasheet HTML 22Page - Micronas MSP3410B Datasheet HTML 23Page - Micronas MSP3410B Datasheet HTML 24Page - Micronas MSP3410B Datasheet HTML 25Page - Micronas MSP3410B Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
PRELIMINARY DATA SHEET
MSP 3410 B
22
ITT Semiconductors
11.3. Read Registers: Listing and Addresses
The following 8-bit parameters can be read out of the
RAM of the MSP 3410 B; functionally they all belong to
the NICAM decoding process; their addresses are listed
in Table 11–9.
All transmissions take place in 16 bit words. The valid 8
bit data are the 8 LSBs of the received data word.
To enable correct switching to NICAM sound, at least the
register C_AD_BITS must be read and evaluated by the
CCU. Additional data bits and CIB bits, if supplied by the
NICAM transmitter, as well as information about the sig-
nal quality can be obtained by reading the remaining
registers.
Table 11–9: Addresses of read registers
Read Registers
HEX
C_AD_BITS
0023
FAWCT_IST
0025
ADD_BITS
0038
CIB_BITS
003E
CONC_CT
0058
11.4. Read Registers: Functions and Values
C_AD_BITS: NICAM operation mode control bits and
A[0–2] of the additional data bits.
Format:
MSB
C_AD_BITS 0023hex
LSB
7
6
5
4
3
2
1
0
A[2]
A[1]
A[0]
C4
C3
C2
C1
S
Important: “S” = Bit[0] indicates correct NICAM-syn-
chronization (S=1). If S = 0, no correct frame or se-
quence synchronization have been found yet and the
read registers are not valid.
The operation mode is coded by C4-C1 as shown in
Table 11–10.
ADD_BITS: Contains the remaining 8 of the 11 addition-
al data bits. The additional data bits are yet not defined
by the NICAM 728 system.
Format:
MSB
ADD_BITS 0038hex
LSB
7
6
5
4
3
2
1
0
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
CIB_BITS: cib bits 1 and 2 (see NICAM 728 specifica-
tions)
Format:
MSB
CIB_BITS 003Ehex
LSB
7
6
5
4
3
2
1
0
x
x
x
x
x
x
CIB1
CIB2
FAWCT_IST: The contents of this register give informa-
tion on the actual position of the FAW-counter. For opti-
mum NICAM performance, the value should be identical
with or little below the value of ’FAW_SOLL’. If it reaches
0 the FP-software mutes and stops the NICAM-decod-
ing automatically by searching for FAW synchronization
once more.
CONC_CT: This register contains the actual number of
bit errors of the previous 728 bit data frame. It may hap-
pen that in spite of acceptable FAWCT_IST the bit error
rate result is too high for appropriate sound perform-
ance. In this case the CCU can switch to the analog FM-
sound assumed to have the same program (Control bit
C4).
Table 11–10: NICAM operation modes as defined by
the EBU NICAM 728 specification
C4
C3
C2
C1
Operation Mode
0
0
0
0
Stereo sound (NICAMA/B), indepen-
dent mono sound (FM1)
0
0
0
1
Two independent mono signals (NI-
CAMA, FM1)
0
0
1
0
Three independent mono channels
(NICAMA, NICAMB, FM1)
0
0
1
1
Data transmission only; no audio
1
0
0
0
Stereo sound (NICAMA/B), FM1 car-
ries same channel
1
0
0
1
One mono signal (NICAMA). FM1
carries same channel as NICAMA
1
0
1
0
Two independent mono channels
(NICAMA, NICAMB). FM1 carries
same channel as NICAMA
1
0
1
1
Data transmission only; no audio
x
1
x
x
Unimplemented sound coding option
(not yet defined by EBU NICAM 728
specification)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com