Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3368 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3368
Description  Dual Channel Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3368 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3368 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP3368-02
May. -2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP3368
Function Description
The LP3368 is designed for converting a Li-Ion
battery voltage of 2.7V to 4.2V to drive two LEDs
used in digital still camera Flash and Smart Phone
applications. The LP3368 has two modes (Torch and
Flash). Torch mode can be used continuously at a
lower output current than Flash and is often used for
several seconds in a digital still camera “movie”
mode. Flash mode is usually used with a pulse of
about 200 to 300 milliseconds to generate a high
intensity Flash. Each channel can be operated
independently through EN1/2 or MODE1/2. The
LP3368 also has two modes of operation to control
the output current. The 1x mode and 2x mode.
Operation begins after the enable pin EN receives a
logic high, then LP3368 starts in the 1x mode, which
acts like a linear regulator to control the output
current by continuously monitoring the feedback pin
FB. In 1x mode, if the LP3368 auto detects a dropout
condition, which is when the FB pin is below the
regulation print for more than 32 cycles of the internal
clock, the LP3368 automatically switches to the 2x
mode. The LP3368 remains in the 2x mode until one
of four things happens: 1. The enable pin EN has
been toggled; 2. The Flash pin has changed from
high to low; 3. Vin is cycled or; 4. A thermal fault
occurs. The 2x mode is the charge pump mode
where the output can be pumped as high as two
times the input voltage, provided the output does not
exceed the maximum voltage for the LP3368, which
is internally limited to about 5.5V. In the 2x mode, as
in the 1x mode, the output current is regulated by the
voltage at the FB pin.
In the TORCH mode, the MODE1/2 pin is set to logic
low and the LP3368 FB pin regulates to 50mV
output:
VFB=50mV (Torch mode)
In the FLASH mode, (MODE=VIN), the FB regulation
voltage is set by the external resistor (RSET)
connected between the RSET pin and GND and the
equation:
VFB=1.26×11.2kΩ/RSET,(Flash mode)
Where 1.26V is the internal band gap reference
voltage and 11.2kΩ is an internal resistance used to
scale the RSET current. Typical values of RSET are
40kΩ to 180kΩ for a range of VFB=300mV to 75mV
in Flash mode.
The output current is then set in either Flash or Torch
mode by the equation:
IOUT= VFB/RSENSE
Over-Voltage Protection
The Over-Voltage Protection monitors the output
voltage. When the output voltage rises above 5.5V,
the Over-Voltage Protection shuts off all of the output
switches to prevent the output voltage from rising
further. When the output decreases below 5.5V, the
device resumes normal operation.
Over-Current Protection
The Over-Current Protection circuitry monitors the
average current out of the FB pin. If the average
current exceeds the two times set current, then the
over current protection circuitry shuts off the output
switches to protect the chip.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com