Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3368 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3368
Description  Dual Channel Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3368 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3368 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3368-02
May. -2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP3368
Brightness Control Using PWM
Dimming control can be achieved by applying a
PWM control signal to the EN1/2 pin for each
channel. The brightness of the white LEDs is
controlled by increasing and decreasing the duty
cycle of the PWM signal. While the operating
frequency range of the PWM control is from 60Hz to
700Hz, the recommended maximum brightness
frequency range of the PWM signal is from 200Hz to
500Hz. A repetition rate of at least 60Hz is required
to prevent flicker.
Application Information
The LP3368 charge pump circuit requires 3
capacitors: 4.7μF input, 2μF output and 2μF fly
capacitors are typically recommended. For the input
capacitor, a value of 10μF will help reduce input
voltage ripple for applications sensitive to ripple on
the battery voltage. All the capacitors should be
surface mount for low lead inductance necessary at
the 2MHz switching frequency of the LP3368 and to
obtain low ESR, which improves bypassing on the
input and output and improves output voltage drive
by reducing output resistance. The input and output
capacitors should be located as close to the VIN and
VOUT pins as possible to obtain best bypassing, and
the returns should be connected directly to the GND
pin under the LP3368. The fly capacitor should be
located as close to the C1* and C2* pins as possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com