Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3368 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3368
Description  Dual Channel Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3368 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3368 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3368-02
May. -2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP3368
Dual Channel Charge Pump LED Driver
General Description
The LP3368 charge pump LED driver is designed for
powering dual channel high brightness LEDs for
camera flash applications. The LP3368 automatically
switches modes between step-up and step-down
ensuring that LED current does not depend on the
forward voltage. The LP3368 provides two current
levels for TORCH and FLASH modes in each channel.
In TORCH mode, The LED current sense reference
voltage is 50mV. The LED current can be determined
by current sense resistor. In FLASH mode, the current
sense reference voltage can be adjusted by external
resistor. The maximum LED current can be set up to
1A. The LP3368 is available in a 16-lead 4mm*4mm
TQFN-16 package and is rated over the -40°C to 85°C
temperature range.
Order Information
LP3368 □ □ □
F: Pb-Free
Package Type
QV: TQFN-16
Typical Application Circuit
Features
Input Voltage Range: 2.7V to 5.5V
Adjustable FLASH Mode Current
Output Current up to 1A in Each Channel
Up to 95% Efficiency in Charge Pump Mode
Automatic Step up/down Mode Switchover
Minimum External Components: No Inductors
<1uA Shutdown Current
2 MHz High Frequency Operation
50mV Reference for Low Loss Sensing
PWM Dimming Control
Automatic Soft Start Limits Inrush Current
Over-Voltage Protection
Over-Current protection
Thermal Fault Protection
Low Ripple and EMI
Ultra-Low Dropout Voltage in Buck Mode
4mm×4mm TQFN-16 Package
RohS Compliant and 100% Lead (Pb)-Free
Applications
White/Yellow LED Torch/Flash for mobile phone
Generic lighting/Flash/Strobe Applications
PDA/DSC/Camcorder
MID/GPS Applications
Marking information
Device
Marking
Package
Shipping
LP3368
LPS
LP3368
YWX
TQFN-16
3K/REEL
Y:Production year W:Production week X:Production batch
ON
OFF
LP3368
MODE2
FB1
OUT2
EN1
C22
VIN1
VIN2
FB2
OUT1
C21
C12
C11
MODE1
RSET1
EN2
RSET2
GND
VIN
CIN
Rsense1
Rset1
C1
C2
Rsense2
Rset2
FLASH
TORCH
Cout1
Cout2
LED1
LED2


Similar Part No. - LP3368

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
LP3360-B6F POWER-LP3360-B6F Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
logo
Siemens Semiconductor G...
LP3360-GK SIEMENS-LP3360-GK Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-H SIEMENS-LP3360-H Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-HL SIEMENS-LP3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results

Similar Description - LP3368

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
3-Channel Charge-Pump LED Driver
3103.2008.03.1.0
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
2-Channel Charge-Pump LED Driver
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
SG Micro Corp
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
Charge Pump LED Driver
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
Charge Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com