Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3368 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3368
Description  Dual Channel Charge Pump LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3368 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3368 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3368 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP3368-02
May. -2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP3368
Functional Pin Description
Package Type
Pin Configurations
TQFN-16
C21
C12
MODE1
VIN1
C11
VOUT1
VIN2
1
2
4
3
5
6
7
8
9
10
11
12
13
14
15
16
C22
RSET2
FB2
VOUT2
FB1
EN2
MODE2
EN1
RSET1
GND
Pin Description
Pin
Name
Description
2,4
VIN1,
VIN2
Input voltage for the charge pump, Decouple with 4.7uF ceramic capacitor close to the
pins of the IC.
5,6
C11,
C21
Positive input for the external flying capacitor. Connect a ceramic 1uF capacitor close to
the pins of the IC.
15,16
C12,
C22
Negative input for the external flying capacitor. Connect a ceramic 1uF capacitor close to
the pins of the IC.
7,12
Mode1,
Mode2
Logic input to toggle operation between FLASH and TORCH mode. In TORCH mode FB
is regulated to the internal 50mV reference. In FLASH mode FB reference voltage can be
adjusted by changing the resistor from RSET pin to ground. Choose the external current
sense resistor (RSENSE ) based on desired current in TORCH mode and FLASH mode.
8,11
EN1,
EN2
Shutdown control Input. Connect to VIN for normal operation, connect to ground for
shutdown.
10,13
Rset1,
Rset2
Connect a resistor from this pin to ground, When in FLASH mode ( MODE pin = High )
this resistor sets the current regulation point according to the following:
VFB = ( 1.26V /RSET )×11.2kΩ
9,14
FB1,
FB2
Feedback input for the current control loop. Connect directly to the current sense
resistor.
1,3
VOUT1,
VOUT2
Charge pump output voltage. Decouple with an external capacitor. At least 2uF is
recommended. If Higher value capacitor is used output ripple is smaller.
Bottom
Pad
GND
Ground pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com