Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6284 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6284
Description  Multi-Channel DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6284 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6284 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary Datasheet
LP6284
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 9
LP6284–00
Version 0.0 AUG.-2016
Electrical Characteristics
(VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
VIN Input Supply Voltage
VIN
2.5
5.5
V
VIN Supply Current
IQ
VFB=1.3V, LX no Switching
0.5
1
mA
VFB=1.1V, LX Switching
2
4
mA
Shutdown Current
ISD
1
5
uA
Input UVLO Threshold
VUVLO(VTH)
VIN Rising
1.8
2
2.2
V
UVLO Threshold Hysteresis
VUVLO(HYS)
Falling Hysteresis
100
mV
Frequency Selection Levels
FOSC
FSEL=Low
1.5
V
FSEL=High
0.6
V
FSEL Pull Down Current
IFSEL
VFSEL=1V
4
uA
Thermal Shutdown Threshold
TSD
160
°C
Thermal Shutdown Hysteresis
30
°C
Boost Regulator
Switching Frequency
FSW
FSEL = GND
--
640
--
kHz
FSEL = VIN
1000
1200
1500
Maximum Duty-Cycle
DMAX
86
90
94
%
Feedback Voltage
VFB
1.228
1.24
1.252
V
Line Regulation
VIN=2.5V to 5.5V
-0.1
%/V
Switch-ON Resistance
RDS(ON)
200
500
m
Ω
Current Limit
ILimit
2
A
Soft Start Current
ISS
4
uA
FB Fault Protection Voltage
VUVP
VFB Falling
1.05
V
FB Fault Delay
TUVP
160
ms
Voltage Detector
Minimum Operating Voltage
VDV
1.6
V
Detecting Voltage Adjustment
VDet
1.08
1.1
1.12
V
������������������������������PullLowResistance
RRST
VRST=0.2V, IRST=1.2mA
1.7
k
Ω
DLY Source Current
IDLY
VDLY=1V
5
10
15
uA
DLY Threshold Voltage
VDLY
1.2
1.24
1.28
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com