Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6284 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6284
Description  Multi-Channel DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6284 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6284 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
LP6284
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 4 of 9
LP6284–00
Version 0.0 AUG.-2016
Functional Pin Description
Pin NO.
Pin Name
Description
1
LX
Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX.
2
VIN
Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic
capacitor between VIN and GND.
3
SS
Soft-Start Control Pin. Connect a soft-start capacitor to this pin.
4
AGND
Analog GND.
5
LDOF
Linear Regulator Feedback Input. Connect to an external resistive voltage divider
from the LDOO to GND to set the output voltage.
6
LDOO
Linear Regulator Output. Bypass LDOO to GND with a capacitor.
7
LDOI
Linear Regulator Power Source. Bypass LDOI to GND a capacitor.
8
VDET
Voltage Detector Input. Connect to an external resistive voltage divider from the
VIN to AGND.
9
������������������������������ VoltageDetectorOutputforReset.ActiveLow
10
DLY
Reset Delay Time. Connect a capacitor between DLY and GND.
11
HVDP
High-Voltage Switch Delay Input. Connect a capacitor from HVDP to GND to set the
delay time.
12
VFLK
VFLK is produced by timing controller for charging or discharging VGHM.
13
DRN
GPM Discharge Pin.
14
VGHM
GPM Output.
15
VGH
GPM Input.
16
FBP
VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive
voltage divider from the VGH to GND to set the output voltage.
17
DRVP
VGH Charge-Pump Regulator Driver Output.
18
AVDD
VDD for Source Driver Power. This also supplies the GPM/OPA/Step-up Controller block.
19
OPO
Unity-Gain operation amplifier output pin.
20
OPI
Unity-Gain operation amplifier input Pin.
21
COMP
Boost Regulator Error Amplifier Compensation Pin.
22
FB
Boost Regulator Feedback Input. Connect to an external resistive voltage divider
from the output to FB to set the output voltage.
23
FSEL
Frequency Select Pin. Set FSEL to high for 1.2MHz operation. Set this pin to low for
640kHz operation.
24
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com