Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6284 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6284
Description  Multi-Channel DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6284 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6284 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Datasheet
LP6284
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 9
LP6284–00
Version 0.0 AUG.-2016
Typical Application Circuit
FSEL
RST
AVDD
LDOI
OPI
COMP
OPO
FB
VIN
LX
SS
LDOFB
LDOO
VGHM
VGH
FBP
DRVP
PGND
AGND
DRN
VIN
AVDD
VGH
FSEL
Reset
OPI
VCOM
VDET
HVDP
DLY
VFLK
VFLK
Figure 1. Typical Application Circuit of LP6284
Pin Configuration
LX
VIN
SS
AGND
LDOF
AVDD
DRVP
FBP
VGH
VGHM
1
2
3
AGND
LDOO
LDOI VDET RST DLY HVDP VFLK
DRN
PGND FSEL FB COMP OPI OPO
4
5
6
7
8
9
10 11 12
13
14
15
16
18
17
19
20
21
22
23
24
Figure 2. QFN-24 Package (4mm x 4mm) Top View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com