Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6284 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6284
Description  Multi-Channel DC-DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6284 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6284 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6284 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP6284
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 9
LP6284–00
Version 0.0 AUG.-2016
Multi-Channel DC-DC Converter
General Description
The LP6284 includes a high-performance boost
regulator, a low dropout linear regulator (LDO), a
gate pulse modulator (GPM), a voltage detector, a
VCOM buffer (unity-gain OPA), and a VGH charge
pump controller for active matrix TFT LCDs.
The converter is a high switching frequency (640kHz
or 1.2MHz) current-mode regulator with an integrated
16V N-Cha
nnel 0.2Ω MOSFET that allows the use of
ultra-small inductors and ceramic capacitors. It
provides fast transient response to pulsed loading
while achieving efficiency over 90%.
The low-dropout (LDO) linear regulator can supply up
to 350mA current while input voltage is 3.3V. It is
suitable for the supply voltage of the timing controller.
The Unity-Gain buffer can drive the LCD VCOM
voltage that features high short-circuit current, fast
slew rate and rail-to-rail inputs and outputs.
The VGH charge pump controller provides regulated
TFT Gate-On voltage. The regulation of the positive
charge pump is generated by the internal comparator
that senses the output voltage and compares it with
an internal reference.
Other features include thermal shutdown protection
and under-voltage lockout (UVLO). The
LP6284 is
available in a space saving QFN-24 (0.5mm pitch)
package.
Order Information
LP6284
□ □
F: Pb-Free
Package Type
QVF: QFN-24
Features
Wide VIN Range: 2.5V to 5.5V
640kHz/1.2MHz Current-Mode Boost Regulator
Fast Transient Response to Pulsed Load
Adjustable Output Voltage (±1%)
Built-
In 16V, 2A, 0.2Ω N-MOSFET
High Efficiency Up to 90%
Programmable Soft-Start
Low Dropout Voltage Linear Regulator
Maximum Output Current : 350mA
Adjustable Output Voltage : 1.5V to VIN −
0.5V( ±1.5%)
GPM Controller with Adjustable
Power-On Sequence Control
Power-On Delay and Falling Time
Flicker Compensator
Low Voltage Detector
Programmable Detecting Voltage (±2%)
Programmable Delay Time
Unity-Gain Operation Amplifier for VCOM Buffer
Charge Pump for VGH regulation
Under-Voltage Protection
Over-Temperature Protection
Available in QFN-24 (4×4mm)
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
TFT LCD TV
TFT LCD Monitor
Marking Information
Device
Marking
Package
Shipping
LP6284
LPS
LP6284
YWX
QFN-24
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6284

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
Dual Channel Output LCD Bias Power
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
Power Management ICs for TV / Monitor
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
More results

Similar Description - LP6284

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PWS740 BURR-BROWN-PWS740 Datasheet
117Kb / 8P
Distributed Multi-Channel Isolated DC-TO-DC CONVERTER
PWS745 BURR-BROWN-PWS745 Datasheet
83Kb / 10P
Multi-Channel Isolated DC/DC CONVERTER COMPONENTS
logo
HITRON ELECTRONICS CORP...
HDU45 HITRON-HDU45 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Lowpower Semiconductor ...
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
logo
Fitipower Integrated Te...
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
logo
WAGO Kontakttechnik Gmb...
753-620 WAGO-753-620 Datasheet
460Kb / 11P
DALI Multi-Master DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com