Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002ARGET Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 12Page - Texas Instruments TUSB1002ARGET Datasheet HTML 13Page - Texas Instruments TUSB1002ARGET Datasheet HTML 14Page - Texas Instruments TUSB1002ARGET Datasheet HTML 15Page - Texas Instruments TUSB1002ARGET Datasheet HTML 16Page - Texas Instruments TUSB1002ARGET Datasheet HTML 17Page - Texas Instruments TUSB1002ARGET Datasheet HTML 18Page - Texas Instruments TUSB1002ARGET Datasheet HTML 19Page - Texas Instruments TUSB1002ARGET Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 2. EQ Configuration Options for 1200mV Linearity 0 dB DC Gain Setting
EQ SETTING #
CHx_EQ2 PIN LEVEL
CHx_EQ1 PIN LEVEL
EQ GAIN at 2.5GHz / 5 GHz (dB)
1
0
0
1.0 / 3.6
2
0
R
2.1 / 5.5
3
0
F
3.0 / 6.8
4
0
1
4.0 / 8.1
5
R
0
4.6 / 9.0
6
R
R
5.5 / 10.0
7
R
F
6.2 / 10.8
8
R
1
6.9 / 11.6
9
F
0
7.3 / 11.9
10
F
R
7.9 / 12.6
11
F
F
8.4 / 13.1
12
F
1
9.0 / 13.7
13
1
0
9.4 / 14.1
14
1
R
9.9 / 14.6
15
1
F
10.3 / 14.9
16
1
1
10.7 / 15.3
7.3.3 Adjustable VOD Linear Range and DC Gain
The CFG1 and CFG2 pins can be used to adjust the TUSB1002A output voltage swing linear range and receiver
equalization DC gain. Table 3 details the available options.
For best performance, the TUSB1002A should be operated within its defined VOD linearity range. The gain of
the incoming VID should be kept to less than or equal to the TUSB1002A VOD linear range setting. The can be
determined by Equation 1:
VID at 5 GHz = VOD x (10
-(Gv/20))
where
•
Gv = TUSB1002A Gain and VOD = TUSB100 VOD linearity setting.
(1)
For example, for a VOD linearity range setting of 1200 mV, the maximum incoming VID signal at 5 GHz with a
CHx_EQ[1:0] setting of 2 (5.5 dB) is 1200 x (10 -(5.5/20)) = 637 mVpp. The TUSB1002A can be operated outside
its VOD linear range but jitter will be higher.
Table 3. VOD Linear Range and DC Gain
SETTING #
CFG1 PIN LEVEL
CFG2 PIN LEVEL
CH1 DC GAIN (dB)
CH2 DC GAIN (dB)
CH1 VOD LINEAR
RANGE (mVpp)
CH2 VOD LINEAR
RANGE (mVpp)
1
0
0
+1
0
900
900
2
0
R
0
+1
900
900
3
0
F
0
0
900
900
4
0
1
+1
+1
900
900
5
R
0
0
0
1000
1000
6
R
R
+1
0
1000
1000
7
R
F
0
-1
1000
1000
8
R
1
+2
+2
1000
1000
9
F
0
-1
-1
1200
1200
10
F
R
+2
+2
1200
1200
11
F
F
0
0
1200
1200
12
F
1
+1
+1
1200
1200
13
1
0
+2
0
1200
1200
14
1
R
0
+2
1200
1200
15
1
F
0
+1
1200
1200
16
1
1
+1
0
1200
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com