Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002ARGET Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 18Page - Texas Instruments TUSB1002ARGET Datasheet HTML 19Page - Texas Instruments TUSB1002ARGET Datasheet HTML 20Page - Texas Instruments TUSB1002ARGET Datasheet HTML 21Page - Texas Instruments TUSB1002ARGET Datasheet HTML 22Page - Texas Instruments TUSB1002ARGET Datasheet HTML 23Page - Texas Instruments TUSB1002ARGET Datasheet HTML 24Page - Texas Instruments TUSB1002ARGET Datasheet HTML 25Page - Texas Instruments TUSB1002ARGET Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
SATA/PCIe/
SATA Express
Host
+
-
+
-
+
-
+
-
RXP2
RXN2
TXP2
TXN2
TUSB1002A
+
-
+
-
RXP1
RXN1
TXP1
TXN1
+
-
+
-
SATA/PCIe/
SATA Express
Device
FR4 trace
of length Y
FR4 trace
of length X
Downstream
Upstream
A
B
C
D
22
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Typical SATA, PCIe and SATA Express Application
Figure 20. SATA/PCIe/SATA Express Typical Application
8.3.1 Design Requirements
Table 5. Design Parameters
PARAMETER
VALUE
VCC supply (3 V to 3.6 V)
3.3 V
PCIe Support Required (Yes/No)
Yes
SATA Express Support Required (Yes/No)
Yes
SATA Support Required (Yes/No)
Yes, then ferrite beads (FB1 and FB2) and 49.9-ohm required.
No, then ferrite bead (FB1 and FB2) and 49.9-ohm not required.
TX1, TX2, RX2 A/C coupling Capacitor (176 nF to 265 nF)
220 nF ±10%
RX1 A/C coupling Capacitor (297 nF to 363 nF)
Optional. But if implemented suggest 330 nF ±10%
A to B FR4 Length (inches)
8
A to B FR4 Trace Width (mils)
4
C to D FR4 length (inches)
2
C to D FR4 Trace Width (mils)
4
DC Gain (-2, -1, 0, +1, +2)
Not configurable when MODE = "R", CFG1 = "0", and CFG2 = "0".
Will always default to 0 dB
Linear Range (900 mV, 1000 mV, or 1200 mV)
Not configurable when MODE = "R", CFG1 = "0", and CFG2 = "0".
Will always default to 1200mV
8.3.2 Detailed Design Procedure
The MODE pin = "R", CFG1 = "0", and CFG2 = "0" will place the TUSB1002A into PCIe mode. In this mode, the
TUSB1002A will have its DC gain fixed at 0dB and its linearity range fixed at 1200mV. The TUSB1002A will
perform far-end receiver termination detection and enable both upstream and downstream paths when far-end
termination is detected on both TX1 and TX2.
The AC coupling capacitor range defined for a SATA device is a lot smaller than the AC-coupling capacitor range
defined for SATA Express and PCI Express (PCIe) as indicated by Figure 21. The AC-coupling capacitor range
defined for SATA Express and PCI Express is within the same range as the AC-coupling capacitor range defined
by USB 3.1. The TUSB1002A will be able to detect PCIe and SATA Express device's receiver termination. But
the SATA 12nF (max) AC-coupling capacitor prevents TUSB1002A from detecting the SATA device receiver
termination. To correct this problem, a ferrite bead along with 49.9 ohm resistor must be placed between CTX2
and miniCard/mSATA socket. These components can be isolated from the high-speed channel when PCIe or
SATA Express is active by using an NFET as shown in Figure 22. The NFET should be enabled whenever a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com