Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002ARGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1002ARGET Datasheet HTML 1Page - Texas Instruments TUSB1002ARGET Datasheet HTML 2Page - Texas Instruments TUSB1002ARGET Datasheet HTML 3Page - Texas Instruments TUSB1002ARGET Datasheet HTML 4Page - Texas Instruments TUSB1002ARGET Datasheet HTML 5Page - Texas Instruments TUSB1002ARGET Datasheet HTML 6Page - Texas Instruments TUSB1002ARGET Datasheet HTML 7Page - Texas Instruments TUSB1002ARGET Datasheet HTML 8Page - Texas Instruments TUSB1002ARGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
INTERNAL PULLUP
PULLDOWN
DESCRIPTION
NAME
NO.
CFG1
4
I (4-level)
PU (approx 45K)
PD (approx 95K)
CFG1. This pin along with CFG2 will select VOD linearity range and DC gain
for both channels 1 and 2. The state of this pin is sampled after the rising edge
of EN. Refer to Figure 2 for details of timing. Refer to Table 3 for VOD linearity
range and DC gain options.
CFG2
15
I (4-level)
PU (approx 45K)
PD (approx 95K)
CFG2. This pin along with CFG1 will set VOD linearity range and DC gain for
both channels 1 and 2. The state of this pin is sampled after the rising edge of
EN. Refer to Figure 2 for details of timing. Refer to Table 3 for VOD linearity
range and DC gain options.
MODE
7
I (4-level)
PU (approx 45 K)
PD (approx 95K)
MODE. This pin is for selecting different modes of operation. The state of this
pin is sampled after the rising edge of EN. Refer to Figure 2 for details of
timing.
0 = Basic Redriver Mode.
R = PCIe / Test Mode. PCIe Mode and TI Internal use only
F = USB3.2 x1 Dual Channel Operation enabled (TUSB1002A normal mode).
1 = USB3.2 x1 Single-channel operation.
RSVD1
24
O
RSVD1. Under normal operation, this pin will be driven low by TUSB1002A.
Recommend leaving this pin unconnected on PCB.
DCBOOST#
14
I (2-level)
PU (approx 400 K)
DCBOOST#. This pin when asserted low will increase the DC Gain level
defined inTable 3 by +1 dB unless already at +2dB. If DC Gain level defined
inTable 3 is already at +2 dB, then asserting this pin low will not change the DC
Gain level. This pin can be left unconnected if this function is not needed.
1 = DC Gain defined by Table 3.
0 = DC Gain defined by Table 3 is increased by +1 dB.
VCC
1, 13
Power
3.3 V (±10%) Supply.
GND
6, 10, 18,
21
GND
Ground
Thermal
pad
Thermal pad. Recommend connecting to a solid ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com