Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002ARGET Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002ARGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002ARGET Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1002ARGET Datasheet HTML 8Page - Texas Instruments TUSB1002ARGET Datasheet HTML 9Page - Texas Instruments TUSB1002ARGET Datasheet HTML 10Page - Texas Instruments TUSB1002ARGET Datasheet HTML 11Page - Texas Instruments TUSB1002ARGET Datasheet HTML 12Page - Texas Instruments TUSB1002ARGET Datasheet HTML 13Page - Texas Instruments TUSB1002ARGET Datasheet HTML 14Page - Texas Instruments TUSB1002ARGET Datasheet HTML 15Page - Texas Instruments TUSB1002ARGET Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Frequency (GHz)
0.01
0.1
1
10
20
20
-25
-20
-15
-10
-5
0
D013
D013
D013
VID (mV)
0
200
400
600
800
1000
1200
14001500
0
200
400
600
800
1000
1200
1400
1600
1800
D014
DC0_EQ1_900 mV
DC0_EQ1_1000 mV
DC0_EQ1_1200 mV
Frequency (GHz)
-5
-3
-1
1
3
5
7
0.01
0.1
1
10
D011
EQ1_DC0_900 mV
EQ1_DC1_900 mV
Frequency (GHz)
-25
-23
-21
-19
-17
-15
-13
-11
-9
-7
-5
-3
-1
1
0.01
0.1
1
10
D012
D012
D012
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D009
EQ1_DC0_900 mV
EQ3_DC0_900 mV
EQ5_DC0_900 mV
EQ7_DC0_900 mV
EQ9_DC0_900 mV
EQ11_DC0_900 mV
EQ13_DC0_900 mV
EQ15_DC0_900 mV
Frequency (GHz)
0.01
0.1
1
10
20
20
-5
0
5
10
15
20
D010
EQ2_DC0_900 mV
EQ4_DC0_900 mV
EQ6_DC0_900 mV
EQ8_DC0_900 mV
EQ10_DC0_900 mV
EQ12_DC0_900 mV
EQ14_DC0_900 mV
EQ16_DC0_900 mV
12
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
VCC = 3.3V , 25°C, 200 mVpp VID sine wave, ZO = 100 Ω, RGE package
Figure 9. 900 mV DC0 Gain Odd EQ Settings Curves
Figure 10. 900 mV DC0 Gain Even EQ Settings Curves
Figure 11. 900 mV DC Gain Adjustment Curves
Figure 12. SDD11 Return Loss
Figure 13. SDD22 Return Loss
Figure 14. 5-GHz Sine Wave VID vs VOD Linearity Range
Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com