Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC904FD Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC904FD
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904FD Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC904FD Datasheet HTML 30Page - NXP Semiconductors P89LPC904FD Datasheet HTML 31Page - NXP Semiconductors P89LPC904FD Datasheet HTML 32Page - NXP Semiconductors P89LPC904FD Datasheet HTML 33Page - NXP Semiconductors P89LPC904FD Datasheet HTML 34Page - NXP Semiconductors P89LPC904FD Datasheet HTML 35Page - NXP Semiconductors P89LPC904FD Datasheet HTML 36Page - NXP Semiconductors P89LPC904FD Datasheet HTML 37Page - NXP Semiconductors P89LPC904FD Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
Preliminary data
Rev. 02 — 25 June 2004
34 of 41
9397 750 13521
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Static characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
[2]
Ports in quasi-bidirectional mode with weak pull-up (applies to all port pins with pull-ups)
Table 8:
DC electrical characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
power supply current,
operating
3.6 V; 12 MHz
[7]
-
3.1
<tbd>
mA
IDD(idle)
power supply current, Idle
mode
3.6 V; 12 MHz
[7]
-
2
<tbd>
mA
IDD(PD)
Power supply current,
Power-down mode, voltage
comparators powered-down
3.6 V
[7]
-
55
<tbd>
µA
IDD(TPD)
Power supply current, total
Power-down mode
3.6 V
[8]
-
<0.1
<tbd>
µA
VDDR
VDD rise time
-
-
2
mV/
µs
VDDF
VDD fall time
-
-
50
mV/
µs
VPOR
Power-on reset detect voltage
-
-
0.2
V
VRAM
RAM keep-alive voltage
1.5
-
-
V
Vth(HL)
negative-going threshold
voltage (Schmitt trigger input)
0.22VDD
0.4VDD
-V
Vth(LH)
positive-going threshold
voltage (Schmitt trigger input)
-
0.6VDD
0.7VDD
V
Vhys
hysteresis voltage
-
0.2VDD
-V
VOL
LOW-level output voltage; all
ports, all modes except Hi-Z
IOL = 20 mA
-
0.6
1.0
V
IOL = 10 mA
-
0.3
0.5
V
IOL = 3.2 mA
-
0.2
0.3
V
VOH
HIGH-level output voltage, all
ports
IOH = −8 mA;
push-pull mode
VDD − <tbd>
-
-
V
IOH = −3.2 mA;
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −20 µA;
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
Cig
input-ground capacitance
[6]
-
-
15
pF
IIL
logic 0 input current, all ports
VIN = 0.4 V
[5]
--
−80
µA
ILI
input leakage current, all ports VIN =VIL or VIH
[4]
--
± 10
µA
ITL
logic 1-to-0 transition current,
all ports
VIN = 2.0 V at
VDD = 3.6 V
[2][3]
−30
-
−450
µA
RRST
internal reset pull-up resistor
10
-
30
k
Ω
VBO
brownout trip voltage with
BOV = 1, BOPD = 0
2.4 V < VDD < 3.6 V
2.40
-
2.70
V
VREF
band gap reference voltage
1.11
1.23
1.34
V
TC(VREF) band gap temperature
coefficient
-
10
20
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com