Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC904FD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC904FD
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904FD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC904FD Datasheet HTML 33Page - NXP Semiconductors P89LPC904FD Datasheet HTML 34Page - NXP Semiconductors P89LPC904FD Datasheet HTML 35Page - NXP Semiconductors P89LPC904FD Datasheet HTML 36Page - NXP Semiconductors P89LPC904FD Datasheet HTML 37Page - NXP Semiconductors P89LPC904FD Datasheet HTML 38Page - NXP Semiconductors P89LPC904FD Datasheet HTML 39Page - NXP Semiconductors P89LPC904FD Datasheet HTML 40Page - NXP Semiconductors P89LPC904FD Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
Preliminary data
Rev. 02 — 25 June 2004
39 of 41
9397 750 13521
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
14. Revision history
Table 11:
Revision history
Rev Date
CPCN
Description
02
20040625
-
Preliminary data (9397 750 13521)
Modifications:
• Updated references to keypad interrupt inputs (changed from 3 to 1) throughout data
sheet.
• Table 4 “P89LPC904 Special function registers” on page 9; adjusted rows ADMODB, IP1,
IP1H, P0, P1M1, P1M2, PCONA, and TRIM.
• Section 8.2.1 “Clock definitions” on page 13; adjusted note.
• Section 8.2.2 “CPU clock (CCLK)” on page 13; adjusted title and paragraph.
• Figure 5 “ADC block diagram.” on page 16; adjusted graphic.
• Section 8.9.2 “Features” on page 17; adjusted 8-bit conversion time.
• Section 8.9.7 “Clock divider” on page 19; adjusted range (3 MHz now 3.3 MHz).
• Figure 9 “Watchdog timer in Watchdog mode (WDTE = 1).” on page 30; updated graphic
to new standard.
• Table 8 “DC electrical characteristics” on page 34; added note for IDD(TPD) spec.
01
20040413
-
Preliminary data (9397 750 12854)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com