Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC904FD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC904FD
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904FD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC904FD Datasheet HTML 9Page - NXP Semiconductors P89LPC904FD Datasheet HTML 10Page - NXP Semiconductors P89LPC904FD Datasheet HTML 11Page - NXP Semiconductors P89LPC904FD Datasheet HTML 12Page - NXP Semiconductors P89LPC904FD Datasheet HTML 13Page - NXP Semiconductors P89LPC904FD Datasheet HTML 14Page - NXP Semiconductors P89LPC904FD Datasheet HTML 15Page - NXP Semiconductors P89LPC904FD Datasheet HTML 16Page - NXP Semiconductors P89LPC904FD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
Preliminary data
Rev. 02 — 25 June 2004
13 of 41
9397 750 13521
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
Remark: Please refer to the
P89LPC904 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P89LPC904 uses an enhanced 80C51 CPU which runs at 6 times the speed of
standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and
most instructions execute in one or two machine cycles.
8.2 Clocks
8.2.1
Clock definitions
The P89LPC904 device has internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of the
clock sources (see Figure 4) and can also be optionally divided to a slower frequency
(see Section 8.7 “CPU CLOCK (CCLK) modification: DIVM register”).
Note: fext is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK/2
8.2.2
CPU clock (CCLK)
The P89LPC904 provides several user-selectable options in generating the CPU
clock. This allows optimization for a range of needs from high precision to lowest
possible cost. These options are configured when the FLASH is programmed and
include an on-chip Watchdog oscillator and an on-chip RC oscillator.
8.3 On-chip RC oscillator option
The P89LPC904 has a 6-bit TRIM register that can be used to tune the frequency of
the RC oscillator. During reset, the TRIM value is initialized to a factory
pre-programmed value to adjust the oscillator frequency to 7.373 MHz,
±1 % at room
temperature. End-user applications can write to the Trim register to adjust the on-chip
RC oscillator to other frequencies. If CCLK is 8 MHz or slower, the CLKLP SFR bit
(AUXR1.7) can be set to logic 1 to reduce power consumption. On reset, CLKLP is
logic 0 allowing highest performance access. This bit can then be set in software if
CCLK is running at 8 MHz or slower.
8.4 Watchdog oscillator option
The Watchdog has a separate oscillator which has a frequency of 400 kHz. This
oscillator can be used to save power when a high clock frequency is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com