Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC904FD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC904FD
Description  8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC904FD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC904FD Datasheet HTML 13Page - NXP Semiconductors P89LPC904FD Datasheet HTML 14Page - NXP Semiconductors P89LPC904FD Datasheet HTML 15Page - NXP Semiconductors P89LPC904FD Datasheet HTML 16Page - NXP Semiconductors P89LPC904FD Datasheet HTML 17Page - NXP Semiconductors P89LPC904FD Datasheet HTML 18Page - NXP Semiconductors P89LPC904FD Datasheet HTML 19Page - NXP Semiconductors P89LPC904FD Datasheet HTML 20Page - NXP Semiconductors P89LPC904FD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Philips Semiconductors
P89LPC904
8-bit microcontrollers with two-clock accelerated 80C51 core
Preliminary data
Rev. 02 — 25 June 2004
17 of 41
9397 750 13521
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.9.2
Features
• 8-bit, 4-channel multiplexed input, successive approximation A/D converter.
• Four result registers.
• Six operating modes
– Fixed channel, single conversion mode
– Fixed channel, continuous conversion mode
– Auto scan, single conversion mode
– Auto scan, continuous conversion mode
– Dual channel, continuous conversion mode
– Single step mode
• Four conversion start modes
– Timer triggered start
– Start immediately
– Edge triggered
– Dual start immediately
• 8-bit conversion time of
≥3.9 µs at an ADC clock of 3.3 MHz
• Interrupt or polled operation
• Boundary limits interrupt
• DAC output to a port pin with high output impedance
• Clock divider
• Power-down mode
8.9.3
A/D operating modes
Fixed channel, single conversion mode: A single input channel can be selected for
conversion. A single conversion will be performed and the result placed in the result
register which corresponds to the selected input channel. An interrupt, if enabled, will
be generated after the conversion completes.
Fixed channel, continuous conversion mode: A single input channel can be
selected for continuous conversion. The results of the conversions will be sequentially
placed in the four result registers. An interrupt, if enabled, will be generated after
every four conversions. Additional conversion results will again cycle through the four
result registers, overwriting the previous results. Continuous conversions continue
until terminated by the user.
Auto scan, single conversion mode: Any combination of the four input channels
can be selected for conversion. A single conversion of each selected input will be
performed and the result placed in the result register which corresponds to the
selected input channel. An interrupt, if enabled, will be generated after all selected
channels have been converted. If only a single channel is selected this is equivalent
to single channel, single conversion mode.
Auto scan, continuous conversion mode: Any combination of the four input
channels can be selected for conversion. A conversion of each selected input will be
performed and the result placed in the result register which corresponds to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com